Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTV1500SD Datasheet(PDF) 1 Page - STMicroelectronics

Part # DTV1500SD
Description  HIGH VOLTAGE DAMPER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DTV1500SD Datasheet(HTML) 1 Page - STMicroelectronics

  DTV1500SD Datasheet HTML 1Page - STMicroelectronics DTV1500SD Datasheet HTML 2Page - STMicroelectronics DTV1500SD Datasheet HTML 3Page - STMicroelectronics DTV1500SD Datasheet HTML 4Page - STMicroelectronics DTV1500SD Datasheet HTML 5Page - STMicroelectronics DTV1500SD Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
1/6
Table 1: Main Product Characteristics
IF(AV)
6 A
IFpeak (max)
12 A
VRRM
1500 V
Tj
175°C
VF (typ)
1.1 V
trr (typ)
150 ns
VFP (typ)
26 V
DTV1500SD
(CRT TV HORIZONTAL DEFLECTION)
HIGH VOLTAGE DAMPER DIODE
Table 3: Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
1500
V
IF(RMS) RMS forward voltage
15
A
IFpeak
Peak working forward current
F = 56kHz
12
A
IFSM
Surge non repetitive forward current
tp = 10ms sinusoidal
50
A
Tstg
Storage temperature range
-65 to 175
°C
Tj
Maximum operating junction temperature
175
°C
TO-220FPAC
DTV1500SDFP
March 2005
REV. 3
FEATURES AND BENEFITS
■ High breakdown voltage capability
■ Specified turn on switching characteristics
■ Very fast recovery diode
■ Low static and peak forward voltage drop for
low dissipation
■ Insulated package (TO-220FPAC):
Insulating voltage = 2000V DC
Capacitance = 12 pF
■ Planar technology allowing high quality and
best electrical characteristics
DESCRIPTION
High
voltage
diode
especially
designed
for
horizontal deflection stage in standard and high
resolution displays for TV’s.
This
device
is
packaged
in
TO-220FPAC
(insulated package).
Table 2: Order Code
Part Number
Marking
DTV1500SDFP
DTV1500SDFP


Similar Part No. - DTV1500SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DTV1500 STMICROELECTRONICS-DTV1500 Datasheet
89Kb / 8P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Jan-2002
DTV1500HD STMICROELECTRONICS-DTV1500HD Datasheet
89Kb / 8P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Jan-2002
DTV1500HF STMICROELECTRONICS-DTV1500HF Datasheet
89Kb / 8P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Jan-2002
DTV1500HFP STMICROELECTRONICS-DTV1500HFP Datasheet
89Kb / 8P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Jan-2002
DTV1500HXX STMICROELECTRONICS-DTV1500HXX Datasheet
89Kb / 8P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Jan-2002
More results

Similar Description - DTV1500SD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY329-1700S PHILIPS-BY329-1700S Datasheet
33Kb / 5P
Damper diode fast, high-voltage
September 1998 Rev 1.100
BY329X-1500 PHILIPS-BY329X-1500 Datasheet
38Kb / 6P
Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359-1500 PHILIPS-BY359-1500 Datasheet
38Kb / 5P
Damper diode fast, high-voltage
September 1998 Rev 1.300
BY359F-1500 PHILIPS-BY359F-1500 Datasheet
37Kb / 5P
Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
Damper diode fast, high-voltage
September 1998 Rev 1.100
BY459DX-1500 PHILIPS-BY459DX-1500 Datasheet
40Kb / 6P
Damper diode fast, high-voltage
August 1998 Rev 1.100
BY459X-1500 PHILIPS-BY459X-1500 Datasheet
40Kb / 6P
Damper diode fast, high-voltage
August 1998 Rev 1.000
BY479X-1700 PHILIPS-BY479X-1700 Datasheet
42Kb / 6P
Damper diode fast, high-voltage
September 1998 Rev 1.200
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
20Kb / 4P
Damper diode fast, high-voltage
September 1998 Rev 1.100
logo
Frontier Electronics.
BY329X-1500 FRONTIER-BY329X-1500 Datasheet
62Kb / 2P
DAMPER DIODE FAST , HIGH VOLTAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com