Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTV1500SD Datasheet(PDF) 4 Page - STMicroelectronics

Part # DTV1500SD
Description  HIGH VOLTAGE DAMPER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DTV1500SD Datasheet(HTML) 4 Page - STMicroelectronics

  DTV1500SD Datasheet HTML 1Page - STMicroelectronics DTV1500SD Datasheet HTML 2Page - STMicroelectronics DTV1500SD Datasheet HTML 3Page - STMicroelectronics DTV1500SD Datasheet HTML 4Page - STMicroelectronics DTV1500SD Datasheet HTML 5Page - STMicroelectronics DTV1500SD Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DTV1500SD
4/6
Figure 7: Relative variations of dynamic
parameters versus junction temperature
Figure 8: Junction capacitance versus reverse
voltage applied (typical values)
Figure
9:
Relative
variation
of
thermal
impedance
junction
case
versus
pulse
duration
0.00
0.25
0.50
0.75
1.00
1.25
25
50
75
100
125
IRM
QRR
VFP
T (°C)
j
1
10
100
1
10
100
1000
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Z/R
th(j-c)
th(j-c)
Single pulse
t (s)
p



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com