Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTV1500SD Datasheet(PDF) 3 Page - STMicroelectronics

Part # DTV1500SD
Description  HIGH VOLTAGE DAMPER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DTV1500SD Datasheet(HTML) 3 Page - STMicroelectronics

  DTV1500SD Datasheet HTML 1Page - STMicroelectronics DTV1500SD Datasheet HTML 2Page - STMicroelectronics DTV1500SD Datasheet HTML 3Page - STMicroelectronics DTV1500SD Datasheet HTML 4Page - STMicroelectronics DTV1500SD Datasheet HTML 5Page - STMicroelectronics DTV1500SD Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DTV1500SD
3/6
Figure 1: Conduction losses versus average
current (
δ=0.45)
Figure 2: Forward voltage drop versus forward
current
Figure 3: Reverse recovery charges versus
dIF/dt (typical values)
Figure 4: Peak reverse recovery current versus
dIF/dt (typical values)
Figure 5: Transient peak forward voltage versus
dIF/dt (typical values)
Figure 6: Forward recovery time versus dIF/dt
(typical values)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
01
234
567
8
9
10
11
12
I (A)
P
P
(W)
F(AV)
0.1
1.0
10.0
100.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
I
(A)
FM
V
(V)
FM
T =125°C
(typical values)
j
T =25°C
(maximum values)
j
T =125°C
(maximum values)
j
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10.0
Q (µC)
rr
dI /dt(A/µs)
F
I =6A
T =125°C
F
j
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.1
1.0
10.0
I
(A)
RM
dI /dt(A/µs)
F
I =6A
T =125°C
F
j
0
5
10
15
20
25
30
35
40
45
50
0
20
40
60
80
100
120
140
160
180
200
V
(V)
FP
dI /dt(A/µs)
F
I =6A
T =100°C
F
j
0
50
100
150
200
250
300
350
400
450
500
550
0
20
40
60
80
100
120
140
160
180
200
t (ns)
fr
dI /dt(A/µs)
F
I =6A
T =100°C
F
j
V
=3.0V
FR



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com