Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M04-DR Datasheet(PDF) 20 Page - STMicroelectronics

Part # M95M04-DR
Description  4-Mbit serial SPI bus EEPROM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M04-DR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M95M04-DR Datasheet HTML 16Page - STMicroelectronics M95M04-DR Datasheet HTML 17Page - STMicroelectronics M95M04-DR Datasheet HTML 18Page - STMicroelectronics M95M04-DR Datasheet HTML 19Page - STMicroelectronics M95M04-DR Datasheet HTML 20Page - STMicroelectronics M95M04-DR Datasheet HTML 21Page - STMicroelectronics M95M04-DR Datasheet HTML 22Page - STMicroelectronics M95M04-DR Datasheet HTML 23Page - STMicroelectronics M95M04-DR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Instructions
M95M04-DR
20/46
DS12179 Rev 1
to 1, the relevant memory area (as defined in Table 3) becomes protected against Write
(WRITE) instructions. The Block protect (BP1, BP0) bits can be written provided that the
Hardware Protected mode has not been set.
6.3.4
SRWD bit
The Status register Write Disable (SRWD) bit is operated in conjunction with the Write
protect (W) signal. The Status register Write Disable (SRWD) bit and Write protect (W)
signal enable the device to be put in the Hardware Protected mode (when the Status
register Write Disable (SRWD) bit is set to 1, and Write protect (W) is driven low). In this
mode, the non-volatile bits of the Status register (SRWD, BP1, BP0) become read-only bits
and the Write Status register (WRSR) instruction is no longer accepted for execution.
Table 6. Status register format
b7
b0
SRWD
0
0
0
BP1
BP0
WEL
WIP
Status register Write protect
Block protect bits
Write enable latch bit
Write in progress bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com