Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M04-DR Datasheet(PDF) 40 Page - STMicroelectronics

Part # M95M04-DR
Description  4-Mbit serial SPI bus EEPROM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M04-DR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M95M04-DR Datasheet HTML 36Page - STMicroelectronics M95M04-DR Datasheet HTML 37Page - STMicroelectronics M95M04-DR Datasheet HTML 38Page - STMicroelectronics M95M04-DR Datasheet HTML 39Page - STMicroelectronics M95M04-DR Datasheet HTML 40Page - STMicroelectronics M95M04-DR Datasheet HTML 41Page - STMicroelectronics M95M04-DR Datasheet HTML 42Page - STMicroelectronics M95M04-DR Datasheet HTML 43Page - STMicroelectronics M95M04-DR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
Package information
M95M04-DR
40/46
DS12179 Rev 1
10.2
WLCSP8 package information
WLCSP is an 8-bump, 2.809 x 1.863 mm, wafer level chip scale package.
Figure 25. WLCSP (with BSC) outline
1. Drawing is not to scale.
2. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
3. Primary datum Z and seating plane are defined by the spherical crowns of the bump.
4. Bump position designation per JESD 95-1, SPP-010.
Table 17. WLCSP mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
0.500
0.540
0.580
0.0197
0.0213
0.0228
A1
-
0.190
-
-
0.0075
-
A2
-
0.325
-
-
0.0128
-
A3
-
0.025
-
-
0.0010
-
b(2)
-
0.270
-
-
0.0106
-
D
-
2.809
2.829
-
0.1106
0.1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com