Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2074CS Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL2074CS
Description  400MHz GBWP Gain-of-2 Stable Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2074CS Datasheet(HTML) 3 Page - Intersil Corporation

  EL2074CS Datasheet HTML 1Page - Intersil Corporation EL2074CS Datasheet HTML 2Page - Intersil Corporation EL2074CS Datasheet HTML 3Page - Intersil Corporation EL2074CS Datasheet HTML 4Page - Intersil Corporation EL2074CS Datasheet HTML 5Page - Intersil Corporation EL2074CS Datasheet HTML 6Page - Intersil Corporation EL2074CS Datasheet HTML 7Page - Intersil Corporation EL2074CS Datasheet HTML 8Page - Intersil Corporation EL2074CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
NOTES:
1. Large-signal bandwidth calculated using LSBW = Slew Rate / 2
π VPEAK.
2. All distortion measurements are made with VOUT = 2VPP, RL = 100Ω.
3. Video performance measured at AV = +2 with 2 times normal video level across RL = 100Ω. This corresponds to standard video levels across
a back-terminated 50
Ω load, i.e., 0–100IRE, 40IREpp giving a 1VPP video signal across the 50Ω load. For other values of RL, see curves.
Closed-Loop AC Electrical Specifications
VS = ±5V, AV = +2, RF = RG = 250Ω, CF = 3pF, RL = 100Ω unless otherwise specified.
PARAMETER
DESCRIPTION
TEST CONDITIONS
TEMP
MIN
TYP
MAX
UNIT
SSBW
-3dB Bandwidth
AV = -1
25°C
400
MHz
(VOUT = 0.4VPP)
AV = +2
25°C
250
400
MHz
TMIN, TMAX
250
MHz
AV = +5
25°C
100
MHz
AV = +10
25°C
40
MHz
GBWP
Gain-Bandwidth Product
AV = +10
25°C
400
MHz
LSBWa
-3dB Bandwidth
VOUT = 2VPP (Note 1)
All
43
63
MHz
LSBWb
-3dB Bandwidth
VOUT = 5VPP (Note 1)
All
17
25
MHz
GFPL
Peaking (< 50MHz)
VOUT = 0.4VPP
25°C
0
1
dB
TMIN, TMAX
1
dB
GFPH
Peaking (> 50MHz)
VOUT = 0.4VPP
25°C
0
2
dB
TMIN, TMAX
2
dB
GFR
Rolloff (< 100MHz)
VOUT = 0.4VPP
25°C
0.1
0.5
dB
TMIN, TMAX
0.5
dB
LPD
Linear Phase Deviation
(< 100MHz)
VOUT = 0.4VPP
All
1
1.8
°
PM
Phase Margin
AV = +2
25°C
50
°
tr1, tf1
Rise Time, Fall Time
0.4V Step, AV = +2
25°C
1.8
ns
tr2, tf2
Rise Time, Fall Time
5V Step, AV = +2
25°C
8
ns
ts1
Settling to 0.1% (AV = -1)
2V Step
25°C
13
ns
ts2
Settling to 0.01% (AV = -1)
2V Step
25°C
25
ns
OS
Overshoot
2V Step
25°C
5
%
SR
Slew Rate
2V Step
All
275
400
V/µs
DISTORTION
HD2a
2nd Harmonic Distortion
@ 10MHz, AV = +2
25°C
-65
-55
dBc
HD2c
2nd Harmonic Distortion
@ 20MHz, AV = +2
25°C
-55
-45
dBc
TMIN, TMAX
-45
dBc
HD3a
3rd Harmonic Distortion
@ 10MHz, AV = +2
25°C
-72
-60
dBc
HD3c
3rd Harmonic Distortion
@ 20MHz, AV = +2
25°C
-70
-60
dBc
TMIN, TMAX
-60
dBc
VIDEO PERFORMANCE (Note 3)
dG
Differential Gain
NTSC
25°C
0.01
0.05
%PP
dP
Differential Phase
NTSC
25°C
0.015
0.05
°PP
dG
Differential Gain
30MHz
25°C
0.1
%PP
dP
Differential Phase
30MHz
25°C
0.1
°PP
VBW
±0.1dB Bandwidth Flatness
25°C
25
50
MHz
EL2074



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com