Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2074CS Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL2074CS
Description  400MHz GBWP Gain-of-2 Stable Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2074CS Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL2074CS Datasheet HTML 2Page - Intersil Corporation EL2074CS Datasheet HTML 3Page - Intersil Corporation EL2074CS Datasheet HTML 4Page - Intersil Corporation EL2074CS Datasheet HTML 5Page - Intersil Corporation EL2074CS Datasheet HTML 6Page - Intersil Corporation EL2074CS Datasheet HTML 7Page - Intersil Corporation EL2074CS Datasheet HTML 8Page - Intersil Corporation EL2074CS Datasheet HTML 9Page - Intersil Corporation EL2074CS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Equivalent Circuit
Burn-In Circuit
Applications Information
Product Description
The EL2074 is a wideband monolithic operational amplifier
built on a high-speed complementary bipolar process. The
EL2074 uses a classical voltage-feedback topology which
allows it to be used in a variety of applications requiring a
noise gain
≥ 2 where current-feedback amplifiers are not
appropriate because of restrictions placed upon the feed-
back element used with the amplifier. The conventional
topology of the EL2074 allows, for example, a capacitor to be
placed in the feedback path, making it an excellent choice for
applications such as active filters, sample-and-holds, or inte-
grators. Similarly, because of the ability to use diodes in the
feedback network, the EL2074 is an excellent choice for
applications such as log amplifiers.
The EL2074 also has excellent DC specifications: 200µV,
VOS, 2µA IB, 0.1µA IOS, and 90dB of CMRR. These specifi-
cations allow the EL2074 to be used in DC-sensitive
applications such as difference amplifiers. Furthermore, the
current noise of the EL2074 is only 3.2pA/
√Hz, making it an
excellent choice for high-sensitivity transimpedance amplifier
configurations.
Gain-Bandwidth Product
The EL2074 has a gain-bandwidth product of 400MHz. For
gains greater than 8, its closed-loop -3dB bandwidth is
approximately equal to the gain-bandwidth product divided
by the noise gain of the circuit. For gains less than 8, higher-
order poles in the amplifier's transfer function contribute to
even higher closed loop bandwidths. For example, the
EL2074 has a -3dB bandwidth of 400MHz at a gain of +2,
dropping to 200MHz at a gain of +4. It is important to note
that the EL2074 has been designed so that this “extra” band-
width in low-gain applications does not come at the expense
of stability. As seen in the typical performance curves, the
EL2074 in a gain of +2 only exhibits 1dB of peaking with a
100
Ω load.
All Packages Use The Same Schematic
EL2074



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com