Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2074CS Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL2074CS
Description  400MHz GBWP Gain-of-2 Stable Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2074CS Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL2074CS Datasheet HTML 2Page - Intersil Corporation EL2074CS Datasheet HTML 3Page - Intersil Corporation EL2074CS Datasheet HTML 4Page - Intersil Corporation EL2074CS Datasheet HTML 5Page - Intersil Corporation EL2074CS Datasheet HTML 6Page - Intersil Corporation EL2074CS Datasheet HTML 7Page - Intersil Corporation EL2074CS Datasheet HTML 8Page - Intersil Corporation EL2074CS Datasheet HTML 9Page - Intersil Corporation EL2074CS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Typical Performance Curves (Continued)
Small Signal Transient Response
Large Signal Transient Response
Differential Gain and Phase
vs DC Input Offset at
3.58MHz
Differential Gain and Phase
vs DC Input Offset at
4.43MHz
Differential Gain and Phase
vs DC Input Offset at 30MHz
Differential Gain and
Phase vs Number of
150
Ω Loads at 3.58MHz
Differential Gain and
Phase vs Number of
150
Ω Loads at 4.43MHz
Differential Gain and
Phase vs Number of
150
Ω Loads at 30MHz
EL2074



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com