Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153F Datasheet(PDF) 87 Page - STMicroelectronics

Part # STM32MP153F
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog, crypto
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153F Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STM32MP153F Datasheet HTML 83Page - STMicroelectronics STM32MP153F Datasheet HTML 84Page - STMicroelectronics STM32MP153F Datasheet HTML 85Page - STMicroelectronics STM32MP153F Datasheet HTML 86Page - STMicroelectronics STM32MP153F Datasheet HTML 87Page - STMicroelectronics STM32MP153F Datasheet HTML 88Page - STMicroelectronics STM32MP153F Datasheet HTML 89Page - STMicroelectronics STM32MP153F Datasheet HTML 90Page - STMicroelectronics STM32MP153F Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 254 page
background image
DS12503 Rev 3
87/254
STM32MP153C/F
Pinouts, pin description and alternate functions
118
A19 R16
1H6
Y10
VSS
S
-
-
-
-
-
-
-
C7
PJ15
I/O
FT
-
LCD_B3, EVENTOUT
-
-
-
1G6
-
VDDCORE
S
-
-
-
-
-
-
-
D8
PK0
I/O
FT_h
-
TIM1_CH1N, TIM8_CH3,
SPI5_SCK, LCD_G5,
EVENTOUT
-
-
-
-
E7
PK1
I/O
FT_h
-
TRACED4, TIM1_CH1, HDP4,
TIM8_CH3N, SPI5_NSS,
LCD_G6, EVENTOUT
-
-
-
-
E8
PK2
I/O
FT_h
-
TRACED5, TIM1_BKIN, HDP5,
TIM8_BKIN, LCD_G7,
EVENTOUT
-
-R11
-
-
VDD
S
-
-
-
-
-
T4
-
Y18
VSS
S
-
-
-
-
-
N13
-
R14
VDDCORE
S
-
-
-
-
-
-
-
B6
PK3
I/O
FT
-
LCD_B4, EVENTOUT
-
-
-
-
A6
PK4
I/O
FT
-
LCD_B5, EVENTOUT
-
-
-
-
C6
PK5
I/O
FT_h
-
TRACED6, HDP6, LCD_B6,
EVENTOUT
-
K19
U3
1H8
Y20
VSS
S
-
-
-
-
-
-
-
A5
PK6
I/O
FT_h
-
TRACED7, HDP7, LCD_B7,
EVENTOUT
-
1G8 P12
-
-
VDDCORE
S
-
-
-
-
-
-
-
B5
PK7
I/O
FT
-
LCD_DE, EVENTOUT
-
C2
C4
D6
C5
PE0
I/O
FT_h
-
LPTIM1_ETR, TIM4_ETR,
LPTIM2_ETR,
SPI3_SCK/I2S3_CK,
SAI4_MCLK_B, UART8_RX,
SAI2_MCLK_A, FMC_NBL0,
DCMI_D2, EVENTOUT
-
1A1
B1
C8
D7
PE1
I/O
FT
-
LPTIM1_IN2, I2S2_MCK,
SAI3_SD_B, UART8_TX,
FMC_NBL1, DCMI_D3,
EVENTOUT
-
-
U6
1J3
AA4
VSS
S
-
-
-
-
-
-
D5
D6
PH8
I/O
FT_f
-
TIM5_ETR, I2C3_SDA,
DCMI_HSYNC, LCD_R2,
EVENTOUT
-
-
-
1H7
T15
VDDCORE
S
-
-
-
-
-
-
C5
E6
PH9
I/O
FT
-
TIM12_CH2, I2C3_SMBA,
DCMI_D0, LCD_R3, EVENTOUT
-
Table 7. STM32MP153C/F pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com