Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153F Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32MP153F
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog, crypto
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32MP153F Datasheet HTML 13Page - STMicroelectronics STM32MP153F Datasheet HTML 14Page - STMicroelectronics STM32MP153F Datasheet HTML 15Page - STMicroelectronics STM32MP153F Datasheet HTML 16Page - STMicroelectronics STM32MP153F Datasheet HTML 17Page - STMicroelectronics STM32MP153F Datasheet HTML 18Page - STMicroelectronics STM32MP153F Datasheet HTML 19Page - STMicroelectronics STM32MP153F Datasheet HTML 20Page - STMicroelectronics STM32MP153F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 254 page
background image
DS12503 Rev 3
17/254
STM32MP153C/F
Description
55
Advanced
16 bits
2
General
purpose
16 bits
8
32 bits
2
Basic
16 bits
2
Low power 16 bits
5
A7 timers
64 bits
2 × 4 (secure, non-secure, virtual, hypervisor)
M4
SysTick
24 bits
1
RTC/AWU
1 (securable)
Watchdog
3 (independent, independent secure, window)
-
SPI
6 (1 securable)
-
Having I2S
3
I2C (with SMB/PMB support)
6 (2 securable)
-
USART (smartcard, SPI, IrDA, LIN)
+ UART (IrDA, LIN)
4 + 4 (including 1 securable USART)
some can be a boot source
Boot
SAI
4 (up to 8 audio channels), with I2S master/slave, PCM input,
SPDIF-TX
Boot
USB
EHCI/OHCI Host
2 ports
-
Embedded HS PHY with BCD
-
OTG HS/FS
(dual role port)
Yes, embedded FS or HS PHY with BCD, can be a boot source Boot
Embedded PHYs
3 (2 × high-speed + 1 × full-speed)
-
SPDIF-RX
4 inputs
-
FDCAN
2 (1 × TTCAN), clock calibration, 10 Kbyte shared buffer
-
HDMI-CEC
1
-
Including the following securable
1 × USART, 1 × SPI, 2 × I2C
1 × USART, 1 × SPI, 2 × I2C
on securable GPIOs
-
SDMMC (SD, SDIO, e•MMC)
3 (8 + 8 + 4 bits), e•MMC or SD can be a boot source
Boot
QuadSPI
Yes (dual-quad), can be a boot source
Boot
Table 1. STM32MP153C/F features and peripheral counts (continued)
Features
TFBGA257
LFBGA354
TFBGA361
LFBGA448



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com