Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153F Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32MP153F
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog, crypto
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32MP153F Datasheet HTML 12Page - STMicroelectronics STM32MP153F Datasheet HTML 13Page - STMicroelectronics STM32MP153F Datasheet HTML 14Page - STMicroelectronics STM32MP153F Datasheet HTML 15Page - STMicroelectronics STM32MP153F Datasheet HTML 16Page - STMicroelectronics STM32MP153F Datasheet HTML 17Page - STMicroelectronics STM32MP153F Datasheet HTML 18Page - STMicroelectronics STM32MP153F Datasheet HTML 19Page - STMicroelectronics STM32MP153F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 254 page
background image
Description
STM32MP153C/F
16/254
DS12503 Rev 3
Table 1. STM32MP153C/F features and peripheral counts
Features
TFBGA257
LFBGA354
TFBGA361
LFBGA448
Package
Body size (mm)
10x10
16x16
12x12
18x18
-
Pitch (mm)
0.5(1)
0.8
0.5(1)
0.8
Ball size (mm)
0.30
0.40
0.30
0.40
Thickness (mm)
<1.2
<1.4
<1.2
<1.4
Ball count
257
354
361
448
CPU
Dual-core Cortex-A7 FPU Neon TrustZone
-
Caches size
2 × 32-Kbyte L1 data cache
2 × 32-Kbyte L1 instruction cache
256-Kbyte level 2 unified coherent cache
Frequency
STM32MP153C: 2 × 650 MHz
STM32MP153F: 2 × 800 MHz
MCU core
Cortex-M4 FPU
-
Frequency
209 MHz
ROM
128 Kbytes (secure)
-
Embedded SRAM
CPU system
256 Kbytes (securable)
MCU subsystem
384 Kbytes
MCU retention
64 Kbytes
Backup
4 Kbytes (securable, tamper protected)
LPDDR2/3
16-bit 533 MHz
Up to 1 Gbyte, single rank
-
32-bit 533 MHz
-
-
DDR3/3L
16-bit 533 MHz
Up to 1 Gbyte, single rank
32-bit 533 MHz
-
-
Backup registers
128 bytes (32x32-bit, securable, tamper protected)
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com