Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153F Datasheet(PDF) 121 Page - STMicroelectronics

Part # STM32MP153F
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog, crypto
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153F Datasheet(HTML) 121 Page - STMicroelectronics

Back Button STM32MP153F Datasheet HTML 117Page - STMicroelectronics STM32MP153F Datasheet HTML 118Page - STMicroelectronics STM32MP153F Datasheet HTML 119Page - STMicroelectronics STM32MP153F Datasheet HTML 120Page - STMicroelectronics STM32MP153F Datasheet HTML 121Page - STMicroelectronics STM32MP153F Datasheet HTML 122Page - STMicroelectronics STM32MP153F Datasheet HTML 123Page - STMicroelectronics STM32MP153F Datasheet HTML 124Page - STMicroelectronics STM32MP153F Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 254 page
background image
DS12503 Rev 3
121/254
STM32MP153C/F
Electrical characteristics
233
The number of needed capacitances and their values are provided in AN5031 “Getting
started with STM32MP1 Series hardware development” available from the ST website
www.st.com.
6.1.7
Current consumption measurement
Figure 12. Current consumption measurement scheme
6.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 10: Voltage characteristics,
Table 11: Current characteristics, and Table 12: Thermal characteristics may cause
permanent damage to the device. These are stress ratings only and the functional operation
of the device at these conditions is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability. Device mission profile (application conditions)
is compliant with JEDEC JESD47 qualification standard, extended mission profiles are
available on demand.
MSv50921V2
IDD_CORE
VDDCORE
IDD_VBAT
VBAT
IDD
VDDA
VDD
VDD_ANA
VDD_PLL
Table 10. Voltage characteristics (1)
Symbols
Ratings
Min
Max
Unit
VDDX - VSSX
External main supply voltage (including VDD,
VDD_ANA, VDD_PLL, VDDA, VDD3V3_USB, VBAT,
VREF+)
-0.3
3.9
V
VDDCORE -
VSS
External core supply voltage
-0.3
1.5
V
VDDA_DDR -
VSS
DDR IO supply voltage
-0.3
1.98
V
VDDA1V8 -
VSS
1.8 V supply (VDDA1V8_REG)-0.3
3.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com