Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153F Datasheet(PDF) 166 Page - STMicroelectronics

Part # STM32MP153F
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog, crypto
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153F Datasheet(HTML) 166 Page - STMicroelectronics

Back Button STM32MP153F Datasheet HTML 162Page - STMicroelectronics STM32MP153F Datasheet HTML 163Page - STMicroelectronics STM32MP153F Datasheet HTML 164Page - STMicroelectronics STM32MP153F Datasheet HTML 165Page - STMicroelectronics STM32MP153F Datasheet HTML 166Page - STMicroelectronics STM32MP153F Datasheet HTML 167Page - STMicroelectronics STM32MP153F Datasheet HTML 168Page - STMicroelectronics STM32MP153F Datasheet HTML 169Page - STMicroelectronics STM32MP153F Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 254 page
background image
Electrical characteristics
STM32MP153C/F
166/254
DS12503 Rev 3
Output buffer timing characteristics (HSLV option disabled)
Table 53. Output timing characteristics (HSLV OFF)(1)(2)
Speed
Symbol
Parameter
conditions
Min
Max
Unit
00
Fmax(3)
Maximum frequency
C = 50 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
20
MHz
C = 30 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
24
C = 20 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
26
C = 10 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
30
C = 50 pF, 1.71 V ≤ VDD ≤ 2.7 V
-
10
C = 30 pF, 1.71 V ≤ VDD ≤ 2.7 V
-
11
C = 20 pF, 1.71 V ≤ VDD ≤ 2.7 V
-
12
C = 10 pF, 1.71 V ≤ VDD ≤ 2.7 V
-
13
tr/tf(4)
Output high to low level
fall time and output low
to high level rise time
C = 50 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
13.3
ns
C = 30 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
11.4
C = 20 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
10.2
C = 10 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
8.8
C = 50 pF, 1.71 V ≤ VDD ≤ 2.7 V
-
23
C = 30 pF, 1.71 V ≤ VDD ≤ 2.7 V
-
20
C = 20 pF, 1.71 V ≤ VDD ≤ 2.7 V
-
18.3
C = 10 pF, 1.71 V ≤ VDD ≤ 2.7 V
-
16
01
Fmax(3)
Maximum frequency
C = 50 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
68
MHz
C = 30 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
83
C = 20 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
88
C = 10 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
103
C = 50 pF, 1.71 V ≤ VDD ≤ 2.7 V
-
25
C = 30 pF, 1.71 V ≤ VDD ≤ 2.7 V
-
28
C = 20 pF, 1.71 V ≤ VDD ≤ 2.7 V
-
30
C = 10 pF, 1.71 V ≤ VDD ≤ 2.7 V
-
36
tr/tf(4)
Output high to low level
fall time and output low
to high level rise time
C = 50 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
4.9
ns
C = 30 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
3.9
C = 20 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
3.3
C = 10 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
2.7
C = 50 pF, 1.71 V ≤ VDD ≤ 2.7 V
-
8.1
C = 30 pF, 1.71 V ≤ VDD ≤ 2.7 V
-
6.5
C = 20 pF, 1.71 V ≤ VDD ≤ 2.7 V
-
5.7
C = 10 pF, 1.71 V ≤ VDD ≤ 2.7 V
-
4.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com