Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153F Datasheet(PDF) 229 Page - STMicroelectronics

Part # STM32MP153F
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog, crypto
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153F Datasheet(HTML) 229 Page - STMicroelectronics

Back Button STM32MP153F Datasheet HTML 225Page - STMicroelectronics STM32MP153F Datasheet HTML 226Page - STMicroelectronics STM32MP153F Datasheet HTML 227Page - STMicroelectronics STM32MP153F Datasheet HTML 228Page - STMicroelectronics STM32MP153F Datasheet HTML 229Page - STMicroelectronics STM32MP153F Datasheet HTML 230Page - STMicroelectronics STM32MP153F Datasheet HTML 231Page - STMicroelectronics STM32MP153F Datasheet HTML 232Page - STMicroelectronics STM32MP153F Datasheet HTML 233Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 254 page
background image
DS12503 Rev 3
229/254
STM32MP153C/F
Electrical characteristics
233
Figure 60. Ethernet GMII timing diagram
Figure 61. Ethernet RGMII timing diagram
Table 109. Dynamics characteristics: Ethernet MAC signals for RGMII (1)
1. Guaranteed by characterization results.
Symbol
Rating
Min
Typ
Max
Unit
tsu(RXD)
Receive data setup time
1.12(2)
2. Guaranteed by design.
--
ns
tih(RXD)
Receive data hold time
0.83(2)
--
tsu(RX_CTL)
Receive control valid setup time
1.12(2)
--
tih(RX_CTL)
Receive control valid hold time
0.83(2)
--
TskewT(TX_CTL)
Transmit control valid delay time
-0.25
0.25
0.5
TskewT(TXD)
Transmit data valid delay time
-0.25
0.25
0.5
MSv50970V1
GMII_TX_EN
GMII_TXD[7:0]
GTX_CLK
GMII_RXD[7:0]
GMII_RX_DV
GMII_RX_ER
GMII_RX_CLK
tsu(RXD)
tsu(ER)
tsu(DV)
tih(RXD)
tih(ER)
tih(DV)
td(TXEN)
td(TXD)
MSv50971V2
RGMII_RXD[3:0]
RGMII_RX_CTL
RGMII_RX_CLK
RGMII_TXD[3:0]
RGMII_TX_CTL
RGMII_GTX_CLK
tsu
tskewT
tih



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com