Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8777HL/24/C1 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDA8777HL/24/C1
Description  Triple 10-bit video DAC, up to 330 MHz sample frequency
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8777HL/24/C1 Datasheet(HTML) 1 Page - NXP Semiconductors

  TDA8777HL/24/C1 Datasheet HTML 1Page - NXP Semiconductors TDA8777HL/24/C1 Datasheet HTML 2Page - NXP Semiconductors TDA8777HL/24/C1 Datasheet HTML 3Page - NXP Semiconductors TDA8777HL/24/C1 Datasheet HTML 4Page - NXP Semiconductors TDA8777HL/24/C1 Datasheet HTML 5Page - NXP Semiconductors TDA8777HL/24/C1 Datasheet HTML 6Page - NXP Semiconductors TDA8777HL/24/C1 Datasheet HTML 7Page - NXP Semiconductors TDA8777HL/24/C1 Datasheet HTML 8Page - NXP Semiconductors TDA8777HL/24/C1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
General description
The TDA8777 consists of three separate 10-bit video Digital-to-Analog Converters (DACs)
with complementary outputs. They convert the digital input signals into analog current
outputs at a maximum conversion rate of 330 MHz.
The DACs are based on current source architecture.
A sync pulse can be added to the green signal (sync-on-green) to allow devices driven by
the video DAC to be synchronized.
The TDA8777 has a Power-down mode to reduce power consumption during inactive
periods.
The TDA8777 is fabricated in a CMOS process that ensures high functionality with low
power dissipation.
2.
Features
s Triple 10-bit DAC
s Sampling frequency up to 330 MHz
s Internal voltage reference (1.21 V)
s Complementary outputs
s Direct drive of double terminated 75
Ω load into standard level
s TTL compatible input
s Sync and blank control inputs
s Analog output current source
s Power-down mode
s 3.3 V power supply
s LQFP48 package
3.
Applications
s PC video cards
s High resolution image processing
s Digital video systems
s General purpose high-speed digital-to-analog conversion
TDA8777
Triple 10-bit video DAC, up to 330 MHz sample frequency
Rev. 03 — 15 August 2005
Preliminary data sheet


Similar Part No. - TDA8777HL/24/C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8771A PHILIPS-TDA8771A Datasheet
116Kb / 20P
Triple 8-bit video Digital-to-Analog Converter DAC
1996 Jan 25
TDA8771AH PHILIPS-TDA8771AH Datasheet
116Kb / 20P
Triple 8-bit video Digital-to-Analog Converter DAC
1996 Jan 25
TDA8772 PHILIPS-TDA8772 Datasheet
101Kb / 20P
Triple 8-bit video digital-to-analog converter
1997 Mar 06
TDA8772H PHILIPS-TDA8772H Datasheet
101Kb / 20P
Triple 8-bit video digital-to-analog converter
1997 Mar 06
TDA8772H/3 PHILIPS-TDA8772H/3 Datasheet
101Kb / 20P
Triple 8-bit video digital-to-analog converter
1997 Mar 06
More results

Similar Description - TDA8777HL/24/C1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7123 AD-ADV7123 Datasheet
342Kb / 20P
CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
10/02-Data Sheet changed from REV. A to REV. B.
ADV7125 AD-ADV7125 Datasheet
264Kb / 12P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV.0
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123-EP AD-ADV7123-EP Datasheet
177Kb / 12P
CMOS, 170 MHz, Triple, 10-Bit High Speed Video DAC
REV. 0
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125 AD-ADV7125_16 Datasheet
410Kb / 17P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
4/16-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com