Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2003CM Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL2003CM
Description  100MHz Video Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2003CM Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL2003CM Datasheet HTML 2Page - Intersil Corporation EL2003CM Datasheet HTML 3Page - Intersil Corporation EL2003CM Datasheet HTML 4Page - Intersil Corporation EL2003CM Datasheet HTML 5Page - Intersil Corporation EL2003CM Datasheet HTML 6Page - Intersil Corporation EL2003CM Datasheet HTML 7Page - Intersil Corporation EL2003CM Datasheet HTML 8Page - Intersil Corporation EL2003CM Datasheet HTML 9Page - Intersil Corporation EL2003CM Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Resistive Loads
The DC gain of the EL2003 and EL2033 is the product of the
unloaded gain (0.995) and the voltage divider formed by the
device output resistance and the load resistance.
The high frequency response of the EL2003 and EL2033
varies with the value of the load resistance as shown in the
characteristic curves. If the 100MHz peaking is undesirable
when driving load resistors greater than 50
Ω, an RC snubber
circuit can be used from the output to ground. The snubber
circuit works by presenting a high frequency load resistance
of less than 50
Ω while having no loading effect at low
frequencies.
Capacitive Loads
The EL2003 and EL2033 are stable driving any type of
capacitive load. However, when driving a pure capacitance
of less than a thousand picofarads the frequency response
has excessive peaking as shown in the characteristic curves.
The squarewave response will have large overshoots and
will ring for several hundred nanoseconds.
If the peaking and ringing cause system problems they can
be eliminated with an RC snubber circuit from the output to
ground. The values can be found empirically by observing a
squarewave or the frequency response. First just put the
resistor alone from output to ground until the desired
response is obtained. Of course the gain will be reduced due
to ROUT. Then put capacitance in series with the resistor to
restore the gain at low frequencies. Start with a small
capacitor and increase until the response is optimum. Too
large a capacitor will roll the gain off prematurely and result
in a longer settling time. The figure below shows an example
of an EL2003 driving a 330pF load, which is similar to the
input of a flash converter.
FET INPUT BUFFER WITH HIGH OUTPUT CURRENTS
Parallel Operation
IOUT ≥ ±300mA
ROUT 2Ω
BW 100MHz
SR = 1000V/µs
J1, J2 2N5911 Dual FET
R1, R2 Offset Adjust
A
V
0.995
R
L
R
L
R
OUT
+
------------------------------
×
=
SMALL SIGNAL RESPONSE
RL = 50Ω, CL = 10pF, VS = ±15V
Top is VIN, Bottom is VOUT
RL = 100Ω, CL = 10pF, VS = ±15V
Top is VIN, Bottom is VOUT
LARGE SIGNAL RESPONSE
EL2003, EL2033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com