Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2003CM Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL2003CM
Description  100MHz Video Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2003CM Datasheet(HTML) 1 Page - Intersil Corporation

  EL2003CM Datasheet HTML 1Page - Intersil Corporation EL2003CM Datasheet HTML 2Page - Intersil Corporation EL2003CM Datasheet HTML 3Page - Intersil Corporation EL2003CM Datasheet HTML 4Page - Intersil Corporation EL2003CM Datasheet HTML 5Page - Intersil Corporation EL2003CM Datasheet HTML 6Page - Intersil Corporation EL2003CM Datasheet HTML 7Page - Intersil Corporation EL2003CM Datasheet HTML 8Page - Intersil Corporation EL2003CM Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN7022
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL2003, EL2033
100MHz Video Line Driver
The EL2003 and EL2033 are general
purpose monolithic unity gain buffers
featuring 100MHz, -3dB bandwidth
and 4ns small signal rise time. These buffers are capable of
delivering a ±100mA current to a resistive load and are
oscillation free into capacitive loads. In addition, the EL2003
and EL2033 have internal output short circuit current limiting
which will protect the devices under both a DC fault condition
and AC operation with reactive loads. The extremely fast
slew rate of 1200V/µs, wide bandwidth, and high output drive
make the EL2003 and EL2033 ideal choices for closed loop
buffer applications with wide band op amps. These same
characteristics and excellent DC performance make the
EL2003 and EL2033 excellent choices for open loop
applications such as driving coaxial and twisted pair cables.
The EL2003 and EL2033 are constructed using Elantec's
proprietary dielectric isolation process that produces PNP
and NPN transistors with essentially identical AC and DC
characteristics.
Features
• Differential gain 0.1%
• Differential phase 0.1°
• 100mA continuous output current guaranteed
• Short circuit protected
• Wide bandwidth - 100MHz
• High slew rate - 1200V/µs
• High input impedance - 2M
Ω
• Low quiescent current drain
Applications
• Co-ax cable driver
• Flash converter driver
• Video DAC buffer
• Op amp booster
Ordering Information
PART
NUMBER
PACKAGE
TAPE & REEL
PKG. NO.
EL2003CN
8-Pin PDIP
-
MDP0031
EL2003CM
20-Pin SOL
-
MDP0027
EL2033CN
8-Pin PDIP
-
MDP0031
Pinouts
EL2003
(8-PIN PDIP)
TOP VIEW
EL2003
(20-PIN SOL)
TOP VIEW
EL2033
(8-PIN PDIP)
TOP VIEW
Data Sheet
September 1998, Rev. F
OBSO
LETE
PROD
UCT
NO R
ECOM
MEND
ED R
EPLA
CEME
NT
conta
ct ou
r Tec
hnica
l Sup
port C
enter
at
1-888
-INTE
RSIL
or ww
w.inte
rsil.c
om/ts
c


Similar Part No. - EL2003CM

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2003CM ELANTEC-EL2003CM Datasheet
481Kb / 17P
100MHz Video Line Driver
More results

Similar Description - EL2003CM

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15400 TOKO-TK15400 Datasheet
92Kb / 12P
75 OHM VIDEO LINE DRIVER
TK15403 TOKO-TK15403 Datasheet
57Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15406 TOKO-TK15406 Datasheet
51Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15408 TOKO-TK15408 Datasheet
62Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15412 TOKO-TK15412 Datasheet
64Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15414 TOKO-TK15414 Datasheet
70Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15415 TOKO-TK15415 Datasheet
69Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15420 TOKO-TK15420 Datasheet
53Kb / 4P
75 OHM VIDEO LINE DRIVER
TK15421 TOKO-TK15421 Datasheet
53Kb / 4P
75 OHM VIDEO LINE DRIVER
logo
Elantec Semiconductor
EL2003C ELANTEC-EL2003C Datasheet
481Kb / 17P
100MHz Video Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com