Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2003CM Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL2003CM
Description  100MHz Video Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2003CM Datasheet(HTML) 2 Page - Intersil Corporation

  EL2003CM Datasheet HTML 1Page - Intersil Corporation EL2003CM Datasheet HTML 2Page - Intersil Corporation EL2003CM Datasheet HTML 3Page - Intersil Corporation EL2003CM Datasheet HTML 4Page - Intersil Corporation EL2003CM Datasheet HTML 5Page - Intersil Corporation EL2003CM Datasheet HTML 6Page - Intersil Corporation EL2003CM Datasheet HTML 7Page - Intersil Corporation EL2003CM Datasheet HTML 8Page - Intersil Corporation EL2003CM Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Absolute Maximum Ratings (TA = 25°C)
VS
Supply Voltage (V+ - V-) . . . . . . . . . . . . . . . . . . . ±18V or 36V
VIN
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .±15V or VS
If the input exceeds the ratings shown (or the supplies) or if the input to output
voltage exceeds ±7.5V then the input current must be limited to ±50 mA. See
the application hints for more information.
IIN
Input Current (See note above) . . . . . . . . . . . . . . . . . ±50mA
PD
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . See Curves
The maximum power dissipation depends on package type, ambient
temperature and heat sinking. See the characteristic curves for more details.
Output Short Circuit Duration . . . . . . . . . . . . . . . . . . . . . Continuous
A heat sink is required to keep the junction temperature below the absolute
maximum when the output is short circuited.
TA Operating Temperature Range
EL2003C/EL2033C. . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
TJ
Operating Junction Temperature
Metal Can . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175°C
Plastic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150°C
TST Storage Temperature . . . . . . . . . . . . . . . . . . .-65°C to +150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS = ±15V, RS = 50Ω
PARAMETER
DESCRIPTION
TEST CONDITIONS
LIMITS
UNIT
VIN
LOAD
TEMP
MIN
TYP
MAX
VOS
Output Offset Voltage
0
∞
25°C
-40
5
40
mV
TMIN, TMAX
-50
50
mV
IIN
Input Current
0
∞
25°C, TMAX
-25
-5
25
µA
TMIN
-50
50
µA
RIN
Input Resistance
±12V
100
Ω
25°C, TMAX
0.5
2
M
Ω
TMIN
0.05
M
Ω
AV1
Voltage Gain
±12V
1k
Ω
25°C
0.98
0.99
V/V
TMIN, TMAX
0.97
V/V
AV2
Voltage Gain
±6V
50
Ω
25°C
0.83
0.90
V/V
TMIN, TMAX
0.80
V/V
AV3
Voltage Gain with VS = ±5V
±3V
50
Ω
25°C
0.82
0.89
V/V
TMIN, TMAX
0.79
V/V
V01
Output Voltage Swing
±14V
1k
Ω
25°C
±13
±13.5
V
TMIN, TMAX
±12.5
V
V02
Output Voltage Swing
±12V
100
Ω
25°C
±10.5
±11.3
V
TMIN, TMAX
±10
V
ROUT
Output Resistance
±2V
50
Ω
25°C
7
10
Ω
TMIN, TMAX
12
Ω
IOUT
Output Current
±12V
(Note 1)
25°C
±105
±230
mA
TMIN, TMAX
±100
mA
IS
Supply Current
0
∞
25°C, TMAX
10
15
mA
TMIN
20
mA
PSRR
Supply Rejection (Note 2)
0
∞
25°C
60
80
dB
TMIN, TMAX
50
dB
SR1
Slew Rate (Note 3)
±10V
1k
Ω
25°C
600
1200
V/µs
SR2
Slew Rate (Note 4)
±5V
50
Ω
25°C
200
400
V/µs
THD
Distortion @ 1kHz
4VRMS
50
Ω
25°C
0.2
1
%
EL2003, EL2033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com