Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2906182 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2906182
Description  Interface module - UM-D37M/DS/FU/LED/AID4/C3/R C
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906182 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2906182 Datasheet HTML 1Page - PHOENIX CONTACT 2906182 Datasheet HTML 2Page - PHOENIX CONTACT 2906182 Datasheet HTML 3Page - PHOENIX CONTACT 2906182 Datasheet HTML 4Page - PHOENIX CONTACT 2906182 Datasheet HTML 5Page - PHOENIX CONTACT 2906182 Datasheet HTML 6Page - PHOENIX CONTACT 2906182 Datasheet HTML 7Page - PHOENIX CONTACT 2906182 Datasheet HTML 8Page - PHOENIX CONTACT 2906182 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
https://www.phoenixcontact.com/pi/products/2906182
03/02/2020   Page 1 / 11
Interface module - UM-D37M/DS/FU/LED/AID4/C3/R C - 2906182
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
VARIOFACE module intended for use with Honeywell Experion C300 16-channel analog input cards.
Channels 13.....16 feature differential inputs.
Your advantages
 These VARIOFACE modules are used in combination with the relevant front adapters
 UM-PRO housing
 DIN rail mounting, includes grounding foot
 LED blown fusing indication
 Per channel shield connection
 Per channel disconnects with test points
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626080642
Technical data
Note
Note
Standard or halogen-free cables
Dimensions
Width
124 mm
Height
142.3 mm
Depth
79 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 60 °C
Ambient temperature (storage/transport)
-40 °C ... 75 °C
General


Similar Part No. - 2906182

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2906181 PHOENIX-2906181 Datasheet
130Kb / 8P
Interface module - UM-D37M/DS/FU/LED/AID16/C3/L C
2906183 PHOENIX-2906183 Datasheet
141Kb / 11P
Interface module - UM-D37M/DS/FU/LED/AID4/C3/L C
2906184 PHOENIX-2906184 Datasheet
86Kb / 6P
Interface module - UM-D37M/DS/FU/LED/DG/C3/R C
2906185 PHOENIX-2906185 Datasheet
84Kb / 6P
Interface module - UM-D37M/DS/FU/LED/DG/C3/L C
2906187 PHOENIX-2906187 Datasheet
88Kb / 6P
Interface module - UM-D37M/DS/FU/LED/AO/C3/R C
More results

Similar Description - 2906182

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2905197 PHOENIX-2905197 Datasheet
78Kb / 3P
Interface module - UM-D37M/DS/FU/LED/AID16/C300/R
2905134 PHOENIX-2905134 Datasheet
141Kb / 11P
Interface module - UM-D37M/DS/FU/LED/AID4/C300/R
2905245 PHOENIX-2905245 Datasheet
141Kb / 11P
Interface module - UM-D37M/DS/FU/LED/AID4/C300/L
2906181 PHOENIX-2906181 Datasheet
130Kb / 8P
Interface module - UM-D37M/DS/FU/LED/AID16/C3/L C
2906183 PHOENIX-2906183 Datasheet
141Kb / 11P
Interface module - UM-D37M/DS/FU/LED/AID4/C3/L C
2906184 PHOENIX-2906184 Datasheet
86Kb / 6P
Interface module - UM-D37M/DS/FU/LED/DG/C3/R C
2906185 PHOENIX-2906185 Datasheet
84Kb / 6P
Interface module - UM-D37M/DS/FU/LED/DG/C3/L C
2906187 PHOENIX-2906187 Datasheet
88Kb / 6P
Interface module - UM-D37M/DS/FU/LED/AO/C3/R C
2906188 PHOENIX-2906188 Datasheet
86Kb / 6P
Interface module - UM-D37M/DS/FU/LED/AO/C3/L C
2906189 PHOENIX-2906189 Datasheet
231Kb / 8P
Interface module - UM-D37M/DS/FU/DI120V/C3/R IM C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com