Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2906182 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 2906182
Description  Interface module - UM-D37M/DS/FU/LED/AID4/C3/R C
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906182 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 2906182 Datasheet HTML 3Page - PHOENIX CONTACT 2906182 Datasheet HTML 4Page - PHOENIX CONTACT 2906182 Datasheet HTML 5Page - PHOENIX CONTACT 2906182 Datasheet HTML 6Page - PHOENIX CONTACT 2906182 Datasheet HTML 7Page - PHOENIX CONTACT 2906182 Datasheet HTML 8Page - PHOENIX CONTACT 2906182 Datasheet HTML 9Page - PHOENIX CONTACT 2906182 Datasheet HTML 10Page - PHOENIX CONTACT 2906182 Datasheet HTML 11Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
https://www.phoenixcontact.com/pi/products/2906182
03/02/2020   Page 10 / 11
Interface module - UM-D37M/DS/FU/LED/AID4/C3/R C - 2906182
Accessories
Cable - CABLE-D37SUB/B/B/HF/S/40,0M - 2908529
Assembled, shielded, halogen-free round cable; connection 1: D-SUB socket strip (1x 37-position); connection 2: D-
SUB socket strip (1x 37-position); cable length: 40 m
 
 
Cable - CABLE-D37SUB/B/B/2500/KONFEK/S - 2902074
Assembled shielded round cable; connection 1: D-SUB socket strip (1x 37-position); connection 2: D-SUB socket
strip (1x 37-position); cable length: 25 m
 
 
Cable - CABLE-D37SUB/B/B/3000/KONFEK/S - 2902075
Assembled shielded round cable; connection 1: D-SUB socket strip (1x 37-position); connection 2: D-SUB socket
strip (1x 37-position); cable length: 30 m
 
 
Cable - CABLE-D37SUB/B/B/3500/KONFEK/S - 2902076
Assembled shielded round cable; connection 1: D-SUB socket strip (1x 37-position); connection 2: D-SUB socket
strip (1x 37-position); cable length: 35 m
 
 
Cable - CABLE-D37SUB/B/B/4000/KONFEK/S - 2902077
Assembled shielded round cable; connection 1: D-SUB socket strip (1x 37-position); connection 2: D-SUB socket
strip (1x 37-position); cable length: 40 m
 
 
Necessary add-on products



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com