Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2906182 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2906182
Description  Interface module - UM-D37M/DS/FU/LED/AID4/C3/R C
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906182 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2906182 Datasheet HTML 1Page - PHOENIX CONTACT 2906182 Datasheet HTML 2Page - PHOENIX CONTACT 2906182 Datasheet HTML 3Page - PHOENIX CONTACT 2906182 Datasheet HTML 4Page - PHOENIX CONTACT 2906182 Datasheet HTML 5Page - PHOENIX CONTACT 2906182 Datasheet HTML 6Page - PHOENIX CONTACT 2906182 Datasheet HTML 7Page - PHOENIX CONTACT 2906182 Datasheet HTML 8Page - PHOENIX CONTACT 2906182 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
https://www.phoenixcontact.com/pi/products/2906182
03/02/2020   Page 2 / 11
Interface module - UM-D37M/DS/FU/LED/AID4/C3/R C - 2906182
Technical data
General
Nominal voltage UN
24 V DC
Max. perm. current (per branch)
500 mA (fuse limited)
Number of positions
37
Status display
No
Connection data
Connection name
Field level
Connection method
Screw connection with disconnect knife
Stripping length
8 mm
Screw thread
M 3
Conductor cross section solid
0.2 mm² ... 4 mm²
Conductor cross section flexible
0.2 mm² ... 2.5 mm²
Conductor cross section AWG
24 ... 12
Connection data 2
Connection name
Controller level
Connection method
D-SUB pin strip
Number of connections
1
Number of positions
37
Supported controller
Controller
HONEYWELL Experion PKS C300/C-Series
- suitable I/O card
TAIX01 (non-redundant)
TAIX11 (redundant)
TAIX51 (non-redundant)
TAIX61 (redundant)
TAIN01 (non-redundant)
TAIN11 (redundant)
Controller
Honeywell Experion LX Series 8
- suitable I/O card
8X-TAIXA1
8X-TAIXB1
Standards and Regulations
Standards/regulations
DIN EN 50178
Environmental Product Compliance
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com