Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3ICS3001 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SL3ICS3001
Description  UCODE HSL
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS3001 Datasheet(HTML) 2 Page - NXP Semiconductors

  SL3ICS3001 Datasheet HTML 1Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 2Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 3Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 4Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 5Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 6Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 7Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 8Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
SL3ICS3001_072831
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 9 July 2012
072831
2 of 54
NXP Semiconductors
SL3ICS3001
UCODE HSL
Signals enter the chip through the RF front end, where both tag power and the modulation
envelope are recovered. Tag power is regulated and bias voltages are generated in one
part of the analog section. In another part of the analog section, the modulation envelope
is applied to a clock and data recovery circuit. In the case of a valid command, the first
part of the input signal is the preamble and start delimiter, which will be followed by a
specific tag command and any additional fields that command may require. All valid digital
data is processed in the digital section data path, which is controlled by the digital control
module. If a read or write is to be executed, the EEPROM block will be accessed. If data is
to be sent from the tag to the interrogator in response to the command, the digital section
sends the output pattern back to the RF front end, where the impedance modulation that
constitutes backscatter is executed.
2.
Features and benefits
2.1 RF interface features
Contactless transmission of data and supply energy (no battery needed)
Operating distance, depending on antenna geometry and local regulations, up to
8.4 m for a single antenna
Operating frequency within the released operating bands from 860 MHz to 960 MHz
and from 2.4 GHz to 2.5 GHz
High data integrity: 16 bit CRC, framing
True anticollision for collision arbitration
Write distance is 70% of reading distance
2.2 Memory features
2048 bits including lock bits
64 bits UID in memory bytes 0 to 7
216 bytes with user definable access conditions for memory bytes 8 to 223
2.3 Security features
Unique serial number for each device
Lock mechanism (write protection) for each byte
2.4 Operating distances features
RFID tags based on the SL3ICS3001 silicon may achieve operating distances according
the following formula:
PTAG ... minimum required RF power for the tag
GTAG ... Gain of the tag antenna
EIRP ... Transmitted RF power
... wavelength
P
tag
EIRP G
tag
4
R
----------

 2

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com