Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3ICS3001 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SL3ICS3001
Description  UCODE HSL
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS3001 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SL3ICS3001 Datasheet HTML 17Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 18Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 19Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 20Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 21Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 22Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 23Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 24Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
SL3ICS3001_072831
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 9 July 2012
072831
21 of 54
NXP Semiconductors
SL3ICS3001
UCODE HSL
9.3 Bit Coding
9.3.1 Forward Link
Maximum RF field is a NRZ ‘1’ (“A” in Figure 6), modulated RF field level equals NRZ ‘0’
(“B” in Figure 6).
9.3.2 Return Link
NRZ ‘0’ is no modulation, that means a high chip input impedance.
NRZ ‘1’ is a modulation (modulation transistor turned on), that means a very low chip input
impedance.
Within the FM0 encoded data patterns, a logical ‘0’ is transmitted, if there is transition at
the midbit. A logical ‘1’ is transmitted if no transition occurs at the midbit. Note: in FM0
encoding a transition occurs additionally at all bit boundaries.
9.4 Response Time
The tag immediately starts sending back the return sequence after a correct command
was received. As this sequence starts with a QUIET field (see Section 8.6.2) the
interrogator may use the time for that field for settling its receiver section.
9.5 Regeneration Time
After a response of the tag or the end of a WAIT field, the tag is immediately able to
receive a new command sequence from the interrogator. This sequence will again start
with a PREAMBLE DETECT field.
Therefore a Manchester’0’ is “01” in NRZ.
Fig 9.
Definition of a Manchester ‘0’
Therefore a Manchester’0’ is “01” in NRZ.
Fig 10. Definition of a Manchester ‘1’.
field modulated
field not modulated
field modulated
field not modulated
Table 20.
Maximum interrogator settling time
QUIET field length
16
 T
return bit rate - 0.75 Tforward bit rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com