Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3ICS3001 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # SL3ICS3001
Description  UCODE HSL
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS3001 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button SL3ICS3001 Datasheet HTML 20Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 21Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 22Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 23Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 24Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 25Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 26Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 27Page - NXP Semiconductors SL3ICS3001 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
SL3ICS3001_072831
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 9 July 2012
072831
24 of 54
NXP Semiconductors
SL3ICS3001
UCODE HSL
11. Commands
11.1 Definitions
Table 24.
Command codes and format
Command name
Code
Parameters
GROUP_SELECT_EQ
00h
ADDRESS
BYTE_MASK
WORD_DATA
GROUP_SELECT_NE
01h
ADDRESS
BYTE_MASK
WORD_DATA
GROUP_SELECT_GT
02h
ADDRESS
BYTE_MASK
WORD_DATA
GROUP_SELECT_LT
03h
ADDRESS
BYTE_MASK
WORD_DATA
GROUP_UNSELECT_EQ
04h
ADDRESS
BYTE_MASK
WORD_DATA
GROUP_UNSELECT_NE
05h
ADDRESS
BYTE_MASK
WORD_DATA
GROUP_UNSELECT_GT
06h
ADDRESS
BYTE_MASK
WORD_DATA
GROUP_UNSELECT_LT
07h
ADDRESS
BYTE_MASK
WORD_DATA
FAIL
08h
none
SUCCESS
09h
none
INITIALIZE
0Ah
none
DATA_READ
0Bh
ID
ADDRESS
READ
0Ch
ID
ADDRESS
WRITE
0Dh
ID
ADDRESS
BYTE_DATA
WRITE_MULTIPLE
0Eh
ADDRESS
BYTE_DATA
LOCK
0Fh
ID
ADDRESS
QUERY_LOCK
11h
ID
ADDRESS
READ_VERIFY
12h
ID
ADDRESS
MULTIPLE_UNSELECT
13h
ADDRESS
BYTE_DATA
RESEND
15h
none
CALIBRATE
16h
none
GROUP_SELECT_EQ_FLAGS
17h
BYTE_MASK
BYTE_DATA
GROUP_SELECT_NE_FLAGS
18h
BYTE_MASK
BYTE_DATA
GROUP_UNSELECT_EQ_FLAGS
19h
BYTE_MASK
BYTE_DATA
GROUP_UNSELECT_NE_FLAGS
1Ah
BYTE_MASK
BYTE_DATA
WRITE4BYTE
1Bh
ID
ADDRESS
BYTE_MASK
4BYTE_DATA
WRITE4BYTE_MULTIPLE
1Ch
ADDRESS
BYTE_MASK
4BYTE_DATA
READ_VERIFY_4BYTE
1Dh
ID
ADDRESS
READ_VARIABLE
51h
ID
ADDRESS
LENGTH
READ_PORT
52h
ID
ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com