Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCM2040 Datasheet(PDF) 6 Page - Micro Electronics

Part # CCM2040
Description  SPECIFICATIONS FOR LCD MODULE CCM2040
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

CCM2040 Datasheet(HTML) 6 Page - Micro Electronics

  CCM2040 Datasheet HTML 1Page - Micro Electronics CCM2040 Datasheet HTML 2Page - Micro Electronics CCM2040 Datasheet HTML 3Page - Micro Electronics CCM2040 Datasheet HTML 4Page - Micro Electronics CCM2040 Datasheet HTML 5Page - Micro Electronics CCM2040 Datasheet HTML 6Page - Micro Electronics CCM2040 Datasheet HTML 7Page - Micro Electronics CCM2040 Datasheet HTML 8Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
• BACKLIGHT CHARASTERISTICS
EL BACKLIGHT
Electrical Data
Parameter
Description
Power Supply
Up to max. 230 RMS
Wave Shape
Sinusoidal
Frequency
Up to max. 3 KHz
Efficiency
η
(dvA/cd)
Capacity
0.50 nF/cm
2
Operating Current
160mA
Optical Data
Parameter
Description
Power Supply
110v 400Hz sinusoidal
Luminous Intensity
69.3 cd/m2 resp 20.4fl
Emission
Color Green/Blue 500nm
x=0.173, y=0.407
Homogenity
± 5%
Useful Life
Unlimited
Brightness Uniformity
(Relative Humidity <80%)
1000h approx. 80%
5000h approx. 50%
Micro Electronics Corp
Http://www.microelect.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com