Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCM2040 Datasheet(PDF) 3 Page - Micro Electronics

Part # CCM2040
Description  SPECIFICATIONS FOR LCD MODULE CCM2040
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

CCM2040 Datasheet(HTML) 3 Page - Micro Electronics

  CCM2040 Datasheet HTML 1Page - Micro Electronics CCM2040 Datasheet HTML 2Page - Micro Electronics CCM2040 Datasheet HTML 3Page - Micro Electronics CCM2040 Datasheet HTML 4Page - Micro Electronics CCM2040 Datasheet HTML 5Page - Micro Electronics CCM2040 Datasheet HTML 6Page - Micro Electronics CCM2040 Datasheet HTML 7Page - Micro Electronics CCM2040 Datasheet HTML 8Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ME
ME DISPLAYS
CCM2040
20 x 4 lines Character
• PIN ASSIGNMENT
No.
Symbol
Level
Pin Description
Function
1
Vss
--
Ground
0V
2
Vdd
--
Supply Voltage for Logic
5V
3
Vo
--
LCD Contrast Adjust
By User
4
RS
H/L
Register Select
H: Data, L: Instruction Code
5
R/W
H/L
Read / Write
H: Data Read, L: Data Write
6E
H, H
L
Enable
Enable Signal
7
DB0
H/L
Data Bit 0
8-Bit Interface
8
DB1
H/L
Data Bit 1
8-Bit Interface
9
DB2
H/L
Data Bit 2
8-Bit Interface
10
DB3
H/L
Data Bit 3
8-Bit Interface
11
DB4
H/L
Data Bit 4
4 or 8-Bit Interface
12
DB5
H/L
Data Bit 5
4 or 8-Bit Interface
13
DB6
H/L
Data Bit 6
4 or 8-Bit Interface
14
DB7
H/L
Data Bit 7
4 or 8-Bit Interface
15
A
--
Backlight
Power Supply for Backlight
16
K
--
Backlight
Power Supply for Backlight
• BLOCK DIAGRAM
Micro Electronics Corp
Http://www.microelect.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com