Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCM2040 Datasheet(PDF) 7 Page - Micro Electronics

Part # CCM2040
Description  SPECIFICATIONS FOR LCD MODULE CCM2040
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

CCM2040 Datasheet(HTML) 7 Page - Micro Electronics

  CCM2040 Datasheet HTML 1Page - Micro Electronics CCM2040 Datasheet HTML 2Page - Micro Electronics CCM2040 Datasheet HTML 3Page - Micro Electronics CCM2040 Datasheet HTML 4Page - Micro Electronics CCM2040 Datasheet HTML 5Page - Micro Electronics CCM2040 Datasheet HTML 6Page - Micro Electronics CCM2040 Datasheet HTML 7Page - Micro Electronics CCM2040 Datasheet HTML 8Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LED BACKLIGHT
Characterisitcs
Low Voltage Driving (DC) is available without invertor
No noise occurrence
Life : 20K Hours
Item
Symbol
Conditions
Rating
Unit
Power Dissipation
Pmax
--
1960
mW
Forward Voltage
Vf
Type
4.4
V
Reverse Voltage
Vr min
Ir=1400uA
10
V
Average Forward Current
If max
Vf=4.4V
350
mA
• AC CHARACTERISTICS
(Vdd=5V
± 10%, Vss=0V, Ta=25°C)
Write Mode (Writing data from Micom to KS070B)
Item
Symbol
Min
Max
Unit
Enable Cycle Time
TCYCE
500
--
ns
Enable Pulse Width
High Level
PWEH
220
--
ns
Enable Rise/Fall Time
tEr,tEf
--
25
ns
Address Set-up Time
RS, R/W to E
tAS
40
--
ns
Address Hold Time
tAH
10
--
ns
Data Set-up Time
tDSW
60
--
ns
Data Hold Time (Writing)
tH
10
--
ns
Data Hold Time (Reading)
tDHR
10
--
ns
• TIMING CHARACTERISTICS
Micro Electronics Corp
Http://www.microelect.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com