Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSKIT Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # HSKIT
Description  Heat shrink connectors and installation tool kit contains Butt splice, Ring terminal, Fork Terminal, Male & Female Quick Disc., Male & Female Bullet, Step Down Butt Splice, Ratchet Crimp Tool and Metal Case with Dividers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

HSKIT Datasheet(HTML) 1 Page - Hubbell Incorporated.

  HSKIT Datasheet HTML 1Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details
General
Connector Type
Terminal
Trade Name
HYDENT™
UPC
781810477731
UPC 12 Digit
7818104777311
Conductor Related
Conductor Type
CU C Str-Size
Certifications and Compliance
Certification - CSA Approved
No
Certification - ETL
No
Certification - UL Recognized
No
Certification - cULus
No
Standards - RoHS Compliance Status
CM
UL Listed
No
Logistics
Carton Quantity
1 EA
Minimum Pack Quantity
1
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
HSKIT
by Burndy
Catalog ID: HSKIT
Heat shrink connectors and installation tool kit contains Butt splice, Ring
terminal, Fork Terminal, Male & Female Quick Disc., Male & Female Bullet,
Step Down Butt Splice, Ratchet Crimp Tool and Metal Case with Dividers


Similar Part No. - HSKIT

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
HSKIT-400-XBS BEL-HSKIT-400-XBS Datasheet
725Kb / 9P
Universal input voltage range (90 ??264 VAC)
HSKIT-400-XBS BEL-HSKIT-400-XBS Datasheet
851Kb / 9P
400 W rated power (440 W peak up to 10 s)
logo
Pro-Power
HSKIT2 PROPOWER-HSKIT2 Datasheet
197Kb / 2P
2:1 Heat Shrink Tubing Kit Clear
V1.0 15/11/19
HSKIT2:1CLEAR PROPOWER-HSKIT2:1CLEAR Datasheet
197Kb / 2P
2:1 Heat Shrink Tubing Kit Clear
V1.0 15/11/19
HSKIT4 PROPOWER-HSKIT4 Datasheet
206Kb / 2P
4:1 Dual Wall Heat Shrink Tubing Kit Black
V1.0 18/11/19
More results

Similar Description - HSKIT

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0026 MOLEXKITS-76650-0026 Datasheet
38Kb / 2P
Assorted Sealed Quick Disconnect, Ring and Butt Splice Terminals. Includes Heat Shrink Tubing and Cable Ties, With Universal Crimp Tool
76650-0036 MOLEXKITS-76650-0036 Datasheet
39Kb / 3P
Assorted Non-Insulated .250" Quick Disconnect Ring, Spade, Butt Splice and Terminal
76650-0040 MOLEXKITS-76650-0040 Datasheet
39Kb / 3P
Assorted PVC Insulated Quick Disconnect, Ring, Spade and Butt Splice Solderless Terminals, with Universal Crimping Tool
76650-0053 MOLEXKITS-76650-0053 Datasheet
41Kb / 3P
Insulated Ring, Spade, Butt Splice, Closed-End Solderless Terminal
logo
Molex Electronics Ltd.
63825-1900 MOLEX11-63825-1900 Datasheet
39Kb / 1P
Tool Kit for 2.80mm (.110) Sealed Crimp Terminal, Male and Female
63825-1500 MOLEX-63825-1500 Datasheet
549Kb / 8P
Tool Kit for 2.80mm (.110") Sealed Crimp Terminal, Male and Female
10-27-11
ATS-6382516HM MOLEX-ATS-6382516HM Datasheet
612Kb / 8P
Tool Kit for 2.80mm (.110) Crimp Terminal, Male and Female
08-17-12
ATS-6382519HM MOLEX-ATS-6382519HM Datasheet
645Kb / 8P
Tool Kit for 2.80mm (.110) Sealed Crimp Terminal, Male and Female
01-24-12
ATS-6382515HM MOLEX-ATS-6382515HM Datasheet
549Kb / 8P
Tool Kit for 2.80mm (.110) Sealed Crimp Terminal, Male and Female
10-27-11
0638251900 MOLEX-0638251900 Datasheet
23Kb / 1P
Tool Kit for 2.80mm (.110) Sealed Crimp Terminal, Male and Female
08/25/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com