Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBKB4265 Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # VBKB4265
Description  Dual P-Channel 20-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBKB4265 Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  VBKB4265 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBKB4265 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBKB4265 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBKB4265 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBKB4265 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBKB4265 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Ambient Temperature, Ta --
°C
PD -- Ta
VGS -- Qg
Total Gate Charge, Qg -- nC
A S O
Drain-to-Source Voltage, VDS -- V
IT14543
0
0
20
40
0.4
60
80
100
120
140
160
0.8
1.2
0.2
0.6
1.0
1.4
0
4.5
4.0
1.0
1.5
0.5
2.0
2.5
3.5
3.0
--1.0
2
3
5
7
2
3
5
7
2
3
5
5
7
2
3
--10
--0.1
--0.01
23
5
3
2
7
23
5 7
23
5 7
--0.01
--0.1
--1.0
--10
IT14542
IT14541
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
--4.0
--4.5
100
μs
10ms
100ms
Operation in this area
is limited by RDS(on).
ID= --3A
DC
operation
(T
a=25
°C
)
IDP= --20A
VDS= --10V
ID= --3A
1ms
When mounted on ceramic substrate
(900mm2
×0.8mm)
1unit
Total
dissipation
PW
≤10μs
Ta=25
°C
Single pulse
When mounted on ceramic substrate (900mm2
×0.8mm) 1unit
VBKB4265
www.VBsemi.com
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com