Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBKB4265 Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # VBKB4265
Description  Dual P-Channel 20-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBKB4265 Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  VBKB4265 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBKB4265 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBKB4265 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBKB4265 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBKB4265 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBKB4265 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IS -- VSD
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
SW Time -- ID
Ciss, Coss, Crss -- VDS
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
RDS(on) -- VGS
RDS(on) -- Ta
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
ID -- VDS
ID -- VGS
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
| yfs | -- I
D
IT14537
IT14538
--0.3
--0.4
--0.5
--0.7
--0.6
--0.8
--0.9
--1.0
--1.1
0.1
1.0
7
5
3
2
10
7
5
3
2
--0.1
--1.0
23
5 7
--0.01
23
5 7
23
5 7
Ta=
--25
°C
VDS= --10V
--0.01
2
3
--0.1
7
5
VGS=0V
--0.01
--0.1
23
5 7
2
--1.0
--10
35 7
2
VDD= --10V
VGS= --4.5V
td(on)
td(off)
tf
IT14539
0
--6
--10
7
5
7
5
3
2
100
3
2
--14
--20
--18
--2
--4
--8
--12
--16
Ciss
Coss
Crss
IT14540
10
2
3
7
2
5
3
3
5
100
2
7
5
f=1MHz
0
--2
--4
--6
--8
--1
--3
--5
--7
30
60
120
90
150
180
240
210
0
40
20
80
60
160
140
120
100
200
180
240
220
0
IT14535
IT14536
ID= --0.5A
--3A
Ta=25
°C
--1A
75°
C
25
°C
2
3
--1.0
2
7
5
3
7
5
--60 --40 --20
0
20
40
60
80
100 120 140 160
VGS
= --1.8V
, ID
= --0.5A
VGS=
--4.5V
, ID=
--3.0A
VGS
= --2.5V
, ID=
--1.0A
35 7
0
--3.0
--2.5
--2.0
--1.5
--1.0
--0.5
0
--0.2
--0.4
--0.6
--0.8
--1.0
--0.1
--0.3
--0.5
--0.7
--0.9
IT14533
0
--1.0
--0.4 --0.6 --0.8
--0.2
--1.2
--1.8
--1.6
--1.4
--2.2
--2.0
0
--1.0
--0.5
--1.5
--2.0
--2.5
--3.0
--3.5
--5.0
--4.5
--4.0
IT14534
--1.5V
VDS= --10V
VGS= --1.2V
t r
VBKB4265
www.VBsemi.com
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com