Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBKB4265 Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # VBKB4265
Description  Dual P-Channel 20-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBKB4265 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  VBKB4265 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBKB4265 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBKB4265 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBKB4265 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBKB4265 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBKB4265 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
•
The
incorporates a P-channel MOSFET that feature low ON-resistance and ultrahigh-speed switching,
thereby enabling high-density mounting
•
1.8V drive
•
Halogen free compliance
•
Protection diode in
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--20
V
Gate-to-Source Voltage
VGSS
±12
V
Drain Current (DC)
ID
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
A
Allowable Power Dissipation
PD
When mounted on ceramic substrate (900mm2×0.8mm) 1unit
1.0
W
Total Dissipation
PT
When mounted on ceramic substrate (900mm2×0.8mm)
1.2
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7045-002
Packing Type : TL
Marking
Electrical Connection
87
6
5
12
3
4
TL
1 : Source1
2 : Gate1
3 : Source2
4 : Gate2
5 : Drain2
6 : Drain2
7 : Drain1
8 : Drain1
EMH8
1
4
85
0.125
0.5
2.0
0.2
EMH2308-TL-H
Dual P-Channel 20-V (D-S) MOSFET
VBKB4265
www.VBsemi.com
1
VBKB4265
-3.5
-25
001


Similar Part No. - VBKB4265

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
VBKB40-X5-CS12 TURCK-VBKB40-X5-CS12 Datasheet
110Kb / 1P
Industrial passive junction, 4-fold fully encapsulated
2017-09-15
More results

Similar Description - VBKB4265

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3911DV VISHAY-SI3911DV Datasheet
47Kb / 4P
Dual P-Channel 20-V (D-S) MOSFET
18-Mar-02
SI7913DN VISHAY-SI7913DN Datasheet
67Kb / 5P
Dual P-Channel 20-V (D-S) MOSFET
13-Jun-05
SI3981DV VISHAY-SI3981DV Datasheet
86Kb / 6P
Dual P-Channel 20-V (D-S) MOSFET
29-Mar-04
SIA921EDJ VISHAY-SIA921EDJ Datasheet
124Kb / 7P
Dual P-Channel 20-V (D-S) MOSFET
02-Nov-09
SIA923EDJ VISHAY-SIA923EDJ Datasheet
120Kb / 7P
Dual P-Channel 20 V (D-S) MOSFET
19-Jul-10
SIB911DK VISHAY-SIB911DK Datasheet
232Kb / 5P
Dual P-Channel 20-V (D-S) MOSFET
14-May-07
SI9933CDY-T1-GE3 VISHAY-SI9933CDY-T1-GE3 Datasheet
276Kb / 10P
Dual P-Channel 20-V (D-S) MOSFET
04-Aug-08
SI6981DQ VISHAY-SI6981DQ_16 Datasheet
107Kb / 6P
Dual P-Channel 20-V (D-S) MOSFET
02-Jun-08
SIA911EDJ VISHAY-SIA911EDJ Datasheet
122Kb / 7P
Dual P-Channel 20-V (D-S) MOSFET
09-Mar-09
logo
VBsemi Electronics Co.,...
VB4290 VBSEMI-VB4290 Datasheet
686Kb / 9P
Dual P-Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com