Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83261 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button DP83261 Datasheet HTML 32Page - National Semiconductor (TI) DP83261 Datasheet HTML 33Page - National Semiconductor (TI) DP83261 Datasheet HTML 34Page - National Semiconductor (TI) DP83261 Datasheet HTML 35Page - National Semiconductor (TI) DP83261 Datasheet HTML 36Page - National Semiconductor (TI) DP83261 Datasheet HTML 37Page - National Semiconductor (TI) DP83261 Datasheet HTML 38Page - National Semiconductor (TI) DP83261 Datasheet HTML 39Page - National Semiconductor (TI) DP83261 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 132 page
background image
60 Control Information (Continued)
Ring Event Latch Register (RELR0)
The Ring Event Latch Register 0 (RELR0) captures conditions that occur on the Ring including the receipt of Beacon and Claim
frames transitions in the Ring Operational flag and the receipt of duplicate addresses Each bit may be masked via the Ring
Event Mask Register 0 (REMR0)
ACCESS RULES
Address
Read
Write
10h
Always
Condition
REGISTER BITS
D7
D6
D5
D4
D3
D2
D1
D0
RES
DUPADD
PINV
OTRMAC
CLMR
BCNR
RNOP
ROP
Bit
Symbol
Description
D0
ROP
Ring Operational Set
Is set when the Local Ring Operational flag transitions from 0 to 1
D1
RNOP
Ring Non-Operational Set
Is set when the Local Ring Operational flag transitions from 1 to 0
D2
BCNR
Beacon Frame Received
Indicates that a valid Beacon frame was received When set restricted and
synchronous requests are not serviced The type of Beacon frame received is given in Register RELR1
D3
CLMR
Claim Frame Received
Indicates that a valid Claim frame was received When set restricted requests are
not serviced The type of Claim frame received is given in Register RELR1
D4
OTRMAC
Other MAC Frame Received
Indicates that a MAC frame other than a Beacon or Claim frame was received
When set restricted requests are not serviced
D5
PINV
PHY
Invalid Received
Indicates that a PHY
Invalid was received This could be the result of a PLAYER
device Reset operation
PHY
Invalid causes the MAC Receiver to enter state R0 (Listen)
D6
DUPADD
Duplicate Address Received
Indicates that a valid individual frame addressed to this station was received
with the A indicator set This could be caused by either a MAC using the same address (duplicate address) or
a strip error at the Source (the frame was received twice)
D7
RES
Reserved
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com