Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83261 Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button DP83261 Datasheet HTML 45Page - National Semiconductor (TI) DP83261 Datasheet HTML 46Page - National Semiconductor (TI) DP83261 Datasheet HTML 47Page - National Semiconductor (TI) DP83261 Datasheet HTML 48Page - National Semiconductor (TI) DP83261 Datasheet HTML 49Page - National Semiconductor (TI) DP83261 Datasheet HTML 50Page - National Semiconductor (TI) DP83261 Datasheet HTML 51Page - National Semiconductor (TI) DP83261 Datasheet HTML 52Page - National Semiconductor (TI) DP83261 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 132 page
background image
60 Control Information (Continued)
Interrupt Condition Register (ICR)
The Interrupt Condition Register (ICR) collects unmasked interrupts from the Event Registers Interrupts are categorized into
Ring Events Token and Timer Events Counter Events and Error and Exceptional Status Events If the bit in the Interrupt Mask
Register (IMR) and the corresponding bit in the ICR are set to One the INT pin is forced low and thus triggers an interrupt
Note
Bits are cleared ONLY by clearing underlying conditions (Mask bit andor Event Bit) in the appropriate Event Register
ACCESS RULES
Address
Read
Write
2Eh
Always
Data Ignored
REGISTER BITS
D7
D6
D5
D4
D3
D2
D1
D0
ESE
IERR
RES
RES
COE
CIE
TTE
RNG
Bit
Symbol
Description
D0
RNG
Ring Event Interrupt
Is set if corresponding bits in the Ring Event Latch and Mask Registers are set
D1
TTE
Token and Timer Event Interrupt
Is set if corresponding bits in the Token and Timer Event Latch and
Mask Registers are set
D2
CIE
Counter Increment Event Interrupt
Is set if corresponding bits in the Counter Increment Latch and Mask
Registers are set
D3
COE
Counter Overflow Event Interrupt
Is set if corresponding bits in the Counter Overflow Latch and Mask
Registers are set
D4 – 5
RES
Reserved
D6
IERR
Internal Error Interrupt
Is set if any bits in the Internal Event Register are set
D7
ESE
Exception Status Event Interrupt
Is set if corresponding bits in the Exception Status and Mask Registers
are set
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com