Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83261 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DP83261 Datasheet HTML 4Page - National Semiconductor (TI) DP83261 Datasheet HTML 5Page - National Semiconductor (TI) DP83261 Datasheet HTML 6Page - National Semiconductor (TI) DP83261 Datasheet HTML 7Page - National Semiconductor (TI) DP83261 Datasheet HTML 8Page - National Semiconductor (TI) DP83261 Datasheet HTML 9Page - National Semiconductor (TI) DP83261 Datasheet HTML 10Page - National Semiconductor (TI) DP83261 Datasheet HTML 11Page - National Semiconductor (TI) DP83261 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 132 page
background image
40 FDDI MAC Facilities
41 SYMBOL SET
The Ring Engine recognizes and generates a set of sym-
bols These symbols are used to convey Line States (such
as the Idle Line State) Control Sequences (such as the
Starting and Ending Delimiters) and Data
Additional information regarding the symbol set can be
found in the FDDI PHY Standard
The Ring Engine expects that the Starting Delimiter will al-
ways be conveyed on an even symbol pair boundary Fol-
lowing the starting delimiter data symbols should always
come in matched pairs
Similarly the Ending Delimiter
should always come in one or more matched symbol pairs
The symbol pairs conveyed at the PHY Interface are shown
in Table 4-1
42 PROTOCOL DATA UNITS
The Ring Engine recognizes and generates two types of
Protocol Data Units (PDUs) Tokens and Frames
The Token is used to control access to the ring Only the
station that has captured the token has the right to transmit
new information The format of a token is shown in Figure
4-1
SFS
EFS
PA
SD
FC
ED
FIGURE 4-1 Token Format
Frames are used to pass information between stations The
format of a frame is shown in Figure 4-2 with the field defini-
tions in Table 4-2
SFS
Protected by PCS
EFS
PA
SD
FC
DA
SA
INFO
FCS
ED
FS
FIGURE 4-2 Frame Format
TABLE 4-1 Symbol Pair Set
Type
Symbols
Starting Delimiter
JK
Ending Delimiter
TT or TR or TS or nT
Frame Status
RR or RS or SR or SS
Idle
ll or nl
Data Pair
nn
Note
n represents any data symbol (0–F)
Symbol pairs others than the defined symbols are treated as code violations
Section 72 has additional information on the symbol pairs generated and interpreted by the Ring Engine
TABLE 4-2 PDU Fields
Name
Description
Size
SFS
Start of Frame Sequence
PA
Preamble
8 or More Idle Symbol Pairs
SD
Starting Delimiter
JK Symbol Pair
FC
Frame Control Field
1 Data Symbol Pair
DA
Destination Address
2 or 6 Symbol Pairs
SA
Source Address
2 or 6 Symbol Pairs
INFO
Information Field
FCS
Frame Check Sequence
4 Symbol Pairs
EFS
End of Frame Sequence
ED
Ending Delimiter
At Least 1T Symbol for Frames
At Least 2T Symbols for Tokens
FS
Frame Status
3 or More R or S Symbols
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com