Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3LP03M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 3LP03M
Description  3LP03M
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

3LP03M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  3LP03M Datasheet HTML 1Page - Sanyo Semicon Device 3LP03M Datasheet HTML 2Page - Sanyo Semicon Device 3LP03M Datasheet HTML 3Page - Sanyo Semicon Device 3LP03M Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3LP03M
No.8154-3/4
0
0
0.8
0.1
0.2
0.3
0.4
0.5
0.6
0.7
--4.0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
総ゲート電荷量, Qg -- nC
VGS -- Qg
IT07661
RDS(on) -- ID
ドレイン電流, ID -- A
23
5
7
2
3
5
7
--0.01
--0.1
--1.0
IT08164
0--30
--10
--15
--20
--25
--5
ドレイン・ソース電圧, VDS -- V
Ciss, Coss, Crss -- VDS
IT08163
--0.1
23
5
7
0
60
50
20
30
10
40
ドレイン電流, ID -- A
SW Time -- ID
IT07659
IT07658
ダイオード順電圧, VSD -- V
IF -- VSD
ドレイン電流, ID -- A
IT07657
--0.001
0.1
0.01
--0.01
23
5 7
--0.1
22
35 7
3
5 7 --1.0
7
5
3
2
1.0
7
5
3
2
yfs -- ID
--0.8
--1.0
--0.6
--1.2
--1.4
--0.2
--0.4
0
--0.001
--0.1
--0.01
7
5
3
2
7
5
3
2
--1.0
7
5
3
2
tf
tr
Crss
Coss
Ciss
VDS= --10V
ID= --0.25A
RDS(on) -- ID
ドレイン電流, ID -- A
RDS(on) -- ID
ドレイン電流, ID -- A
VDS= --10V
Ta=
--25
°C
75
°C
25
°C
10
7
5
3
2
3
2
VGS=0
td(off)
td(on)
VDS= --15V
VGS= --4V
VGS= --4V
Ta=75°C
25°C
--25°C
5
7
1.0
2
3
5
5
7
1.0
2
3
23
5
7
2
3
5
7
--0.01
--0.1
--1.0
IT08165
VGS= --2.5V
Ta=75°C
--25°C
5
7
2
3
23
5
7
2
3
5
7
--0.01
--0.1
--1.0
IT08166
VGS= --1.5V
25°C
Ta=75°C
--25°C
25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com