Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM32F3
Description  Mainstream 32-bit MCUs Releasing your creativity
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F3 Datasheet(HTML) 5 Page - STMicroelectronics

  STM32F3 Datasheet HTML 1Page - STMicroelectronics STM32F3 Datasheet HTML 2Page - STMicroelectronics STM32F3 Datasheet HTML 3Page - STMicroelectronics STM32F3 Datasheet HTML 4Page - STMicroelectronics STM32F3 Datasheet HTML 5Page - STMicroelectronics STM32F3 Datasheet HTML 6Page - STMicroelectronics STM32F3 Datasheet HTML 7Page - STMicroelectronics STM32F3 Datasheet HTML 8Page - STMicroelectronics STM32F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
An upgraded MCU class
The STM32F3 family of mixed‑signal MCUs with DSP and FPU instructions
The STM32F3 series shakes up the digital signal controller world by combining a 32‑bit ARM® Cortex®‑M4 core (DSP, FPU) running at 72 MHz
with a high number of integrated analog and digital peripherals leading to cost reduction at application level and simplifying application design.
The STM32F3 Series consists of six lines:
•
The
STM32F301, STM32F302, STM32F303 lines are general‑purpose MCUs ranging from a basic, cost‑efficient
peripheral set to devices with more performance and analog functions.
•
The
STM32F334 line includes a versatile high‑resolution timer (217 ps) for digital power conversion applications,
such as D‑SMPS, lighting, welding, solar and wireless charging.
•
The
STM32F373 line with its 16‑bit sigma‑delta ADC is designed for high‑precision measurements in applications
such as biometric sensors or smart metering.
•
The
STM32F3x8 line supporting 1.8 V operations.
The same system implementation is common
within the STM32F3 series. Migration across
product lines is facilitated as the same
peripheral, IP‑set and pinout are shared.
STM32F3 PRODUCT LINES
• Routine booster (CCM)
• Interconnect Matrix
• DMA
• USART, SPI, I²C, I²S, USB
and CAN
• 16- and 32-bit timers
• HW polynomial CRC
• SRAM with Parity check
• Low and high speed
oscillator
• Reset + BOR PVD
• RTC
• Temperature sensor
• Capacitive Touch sensing
STM32 F3
Product line
Flash
memory
(KB)
RAM
(KB)
CCM-
SRAM
Power
supply
ADC
12-bit
DAC
12-bit
16-bit
STM32F301 -
Access
32 to 64
16
2.0 to
3.6V
Up to2
1
3
1
1
STM32F302 -
USB & CAN
32 to 512
16 to
64
2.0 to
3.6V
Up to2
1
Up to4 Up to2
1
STM32F303 -
Performance
32 to 512
16 to
80
•
2.0 to
3.6V
Up to4
Up to3 Up to7 Up to4 Up to3
STM32F3x4
Digital Power
16 to 64
16
•
2.0 to
3.6V
2
3
2x Ultra
Fast
1
1
•
10ch
STM32F373
Precision
measurement
64 to 256
32
2.0 to
3.6V
1
3
3
2
STM32F3x8
1.8V ± 8%
64 to 512
16 to
80
•
1.8V
±8%
Up to4
Up to3 Up to7 Up to4 Up to3
A flexible interconnect matrix allows autonomous communication between peripherals and saves CPU resources and power consumption.
Precise measurement
3x 16-bit
sigma-delta ADCs
Digital power
High resolution (217 ps) and
complex waveform builder
Mixed-Signals
STM32F373
STM32F303
STM32F302
STM32F301
STM32F334
General-purpose
Application-speci c
Note: The same devices are found in the STM32F3x8 line and operate at 1.8 V.
$0.89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com