Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F3 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32F3
Description  Mainstream 32-bit MCUs Releasing your creativity
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F3 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32F3 Datasheet HTML 7Page - STMicroelectronics STM32F3 Datasheet HTML 8Page - STMicroelectronics STM32F3 Datasheet HTML 9Page - STMicroelectronics STM32F3 Datasheet HTML 10Page - STMicroelectronics STM32F3 Datasheet HTML 11Page - STMicroelectronics STM32F3 Datasheet HTML 12Page - STMicroelectronics STM32F3 Datasheet HTML 13Page - STMicroelectronics STM32F3 Datasheet HTML 14Page - STMicroelectronics STM32F3 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Low voltage line
The STM32F3x8 low‑voltage 1.8 V line
The STM32F3x8 line operates at 1.8 V ± 8%. It is well suited for use in portable consumer applications such as smartphones, accessories and
media devices. Designers can take advantage of the same features as the STM32F3 series with no compromise or degradation in processing
performance when operating at a lower voltage. The combination of 1.8 V digital supply voltage and an independent analog domain is an
advantage in heterogeneous system architectures, leading to simplified system design and connected cost savings. The STM32F3x8 devices are
ideal low‑voltage companion microcontrollers, allowing to maintain a wide analog dynamic range.
STM32F3X8 PORTFOLIO
Flash memory size / RAM size (bytes)
Pin count
64 K / 16 K
32-pin
QFN
48-pin
LQFP/CSP
STM32F328C8
STM32F318K8
STM32F318C8
64-pin
LQFP/CSP
100-pin
LQFP/CSP/BGA
256 K / 48 K
STM32F358CC
STM32F358RC
STM32F358VC
256 K / 32 K
STM32F378CC
STM32F378RC
STM32F378VC
512 K / 80 K
STM32F398VE
General Purpose line
Precision line
Simple interface with a 1.8 V application
processor, ensuring maximum resolution
(3.6 V) on ADC, DAC and op amp thanks to
dual‑voltage domains on the STM32F3.
VOLTAGE RANGE (CORE, I/OS AND VDDA ANALOG)
VDD Core
(down to 1.65V)
1.95
3.60
3.60
1.65
1.65
1.8
2.40
* Except STM32F378
Core & I/O digital
VddA Analog
DAC
Op. amp
Comp.
12-bit ADC*
0.00
2.00
3.00
4.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com