Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F3 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F3
Description  Mainstream 32-bit MCUs Releasing your creativity
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F3 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F3 Datasheet HTML 6Page - STMicroelectronics STM32F3 Datasheet HTML 7Page - STMicroelectronics STM32F3 Datasheet HTML 8Page - STMicroelectronics STM32F3 Datasheet HTML 9Page - STMicroelectronics STM32F3 Datasheet HTML 10Page - STMicroelectronics STM32F3 Datasheet HTML 11Page - STMicroelectronics STM32F3 Datasheet HTML 12Page - STMicroelectronics STM32F3 Datasheet HTML 13Page - STMicroelectronics STM32F3 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
High precision line
True 16‑bit sigma delta ADC integration
The ARM® Cortex®‑M4 based STM32F373 product line integrates 16‑bit sigma‑delta ADCs, making the devices a perfect fit for all kinds of
sensor applications requiring high‑precision measurements together with more demanding signal processing.
STM32F373 PORTFOLIO
Flash memory size / RAM size (bytes)
48-pin LQFP
100-pin LQFP/BGA
64-pin LQFP
STM32F373CC
STM32F373C8
STM32F373CB
STM32F373VC
STM32F373VB
STM32F373V8
STM32F373RC
STM32F373R8
STM32F373RB
Pin count
256 K / 32 K
64 K / 16 K
128 K / 24 K
APPLICATION TARGET
•
Portable medical equipment
•
Entry‑level consumer audio
equipment
•
Sensor hub for biometric sensors
•
Portable fitness
•
Gaming
•
Metering equipment
STM32F373 BLOCK DIAGRAM
System
RTC/AWU
Power supply
1.8 V regulator
POR/PDR/PVD
Internal RC oscillators
40 kHz + 8 MHz
Clock control
PLL
2x watchdogs
(independent and
window)
Cyclic redundancy
check (CRC)
Xtal oscillators
32 kHz + 4 to 32 MHz
SysTick timer
Touch-sensing
controller 24 keys
36/52/84 I/Os
Control
2x 32-bit timers
12x 16-bit timers
72 MHz
ARM® Cortex®-M4
CPU
128 bytes backup data
Up to 32-Kbyte SRAM
Up to 256-Kbyte
Flash memory
Connectivity
2x I²C
1x CAN 2.0B
1x USB 2.0 FS
3x USART
LIN, smartcard, IrDA,
modem control
3x SPI, 3x half duplex I²S
CEC
JTAG/SW debug/ETM
Nested Vector
Interrupt
Controller (NVIC)
Floating Point Unit
(FPU)
Memory Protection Unit
(MPU)
12-channel DMA
AHB bus matrix
Interconnect matrix
1x 12-bit ADC
16 channels / 1 MSPS
2x comparators
3x 16-bit ADC ∑∆
w/programmable gain
Temperature sensor
Analog
3x 12-bit DAC with
basic timers
ADVANCED PERIPHERALS
Each STM32F373 device is equipped with
three 16‑bit sigma‑delta ADCs with the
following characteristics:
•
16‑bit output signed code
•
7 gain levels: ½, 1, 2 , 4 , 8, 16, and 32
•
Differential or single‑ended mode:
•
Up to 11 differential input pairs or
21 single‑ended combinations over
three
ΣΔ ADCs
•
Free input configuration as single‑ended
or differential
•
Up to 50 KSPS in Fast mode on one
channel (per
ΣΔ ADC)
•
Independent power supply and V
REF
•
Offset error < 1 LSB after calibration
•
3 different low power modes:
•
Slow: 600 µA (max.), Standby: 200 µA,
Power‑down: 10 µA (max.)
•
5‑volt tolerant I/Os (FT, Ftf)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com