Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHT12 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # DHT12
Description  Digital temperature
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DHT12 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button DHT12 Datasheet HTML 6Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 7Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 8Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 9Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 10Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 11Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 12Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 13Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
- 12
广州奥松电子有限公司 电话:020-36042809 / 36380552
www.aosong.com
accelerate this process. High levels of chemical pollution can cause damage to the sensor
completely.
3、
Influence of temperature
The relative humidity of the gas, and to a large extent depends on the temperature. So when
you measure humidity, should as far as possible ensure that humidity sensor at the same
temperature. Electronics components share a Board with the heat, should as far as possible away
from the sensor in the installation of electronic components, and installed directly below the
heat source while maintaining the good ventilation of the shell. To reduce heat conduction,
sensors and other parts of the printed circuit board copper platingLayer should be as minimal as
possible, and to leave a gap between the two.
4、
Light effects
Prolonged exposure to sunlight or strong ultraviolet radiation will decrease performance.
5、
Recovery processing
Placed in extreme working conditions or chemical vapor sensors with the following handlers,
can be brought back to the school on time. In 50 ℃ 和< 10%RH Humidity conditions 2 Hours
(drying); 20-30 c 和>70%RH Humidity conditions 5 Hours or more.
6、
Wiring considerations
Signal quality of wire affect the communication distance and traffic quality, recommended use
high quality shielded cables.
7、
Manual welding welding information at the highest 300 cTemperature conditions of
contact time shall be less than 5 Second.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com