Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHT12 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DHT12
Description  Digital temperature
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DHT12 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DHT12 Datasheet HTML 1Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 2Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 3Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 4Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 5Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 6Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 7Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 8Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
- 2
广州奥松电子有限公司 电话:020-36042809 / 36380552
www.aosong.com
Four, dimensions (unit:mm)
图 1DHT12 Profile of best-inch
External interface:1:VDD 2:SDA 3: GND 4:SCL
Five, sensor performance
5.1 Relative humidity
5.2 Temperature
表 1: DHT12 Relative humidity tables
表 2: DHT12 Relative performance table
Paramete
rs
Condit
ions
mi
n
ty
p
m
ax
W
ork
uni
t
Paramete
rs
Condit
ions
mi
n
ty
p
m
ax
Wo
rk
uni
t
Resolution
0.1
%R
H
Resolution
0.1
℃
Measuring
range
20
95
%R
H
16
bit
Precision 1
60%RH
±
5
%R
H
Precision
25 ℃
±
0.5
℃
1
此精度为出厂时检验时,传感器在 25℃和 5V,条件下测试的精度指标,且只适合非冷凝环境。
参数
条件
min
typ
max
单位



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com