Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHT12 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DHT12
Description  Digital temperature
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DHT12 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DHT12 Datasheet HTML 4Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 5Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 6Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 7Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 8Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 9Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 10Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 11Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
- 7
广州奥松电子有限公司 电话:020-36042809 / 36380552
www.aosong.com
图 14
I2C Reading sequence
diagrams
Reference sequence:
图 15 Reference sequence diagramNote: the actual test data
refer to the single bus-processing example.
8.3Single bus communication (ONE-WIRE)
◎Single bus description
DHT12 A simplified single-bus communication. That only a single bus cable, system of data
exchange,Control is done by a single bus communication. Devices (hosts) through a drain or a
three-State port is connected to the data cable to allow device does not send data will be released
when the bus, while letting the other device uses the bus; usually require add-ins a single bus
around 4.7KΩPull-up resistor, so that when the bus is idle by default high State. Because they are
the master-slave relationship, only when the host calls the sensor, the sensor responds, so host
access must be strictly followed during single bus timing, timing disorder if will not be able to
correctly read data of temperature and humidity.
◎Single bus transfer data definitions
SDA PIN for client hosts DHT12 Communication and synchronization between, by-wire data
format, a transfer 40 Data high first. Specific communicationSequential as shown in the following
figure, communication formats described in the following table.
图 16 Single bus communication timing description
◎Single bus data example:
The name
Single bus format definition
The
starting
signal
Host data bus (SDA) Down over time (18ms), Tells sensors to prepare data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com