Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1237DCKR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1237DCKR
Description  TMUX1237 3-廓 Low RON, 5-V, 2:1 (SPDT) General Purpose Switch With No Overshoot When Switching Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1237DCKR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMUX1237DCKR Datasheet HTML 10Page - Texas Instruments TMUX1237DCKR Datasheet HTML 11Page - Texas Instruments TMUX1237DCKR Datasheet HTML 12Page - Texas Instruments TMUX1237DCKR Datasheet HTML 13Page - Texas Instruments TMUX1237DCKR Datasheet HTML 14Page - Texas Instruments TMUX1237DCKR Datasheet HTML 15Page - Texas Instruments TMUX1237DCKR Datasheet HTML 16Page - Texas Instruments TMUX1237DCKR Datasheet HTML 17Page - Texas Instruments TMUX1237DCKR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
VIH
VIL
tTRANSITION
10%
90%
OUTPUT
0 V
Log ic
Control
(VSEL)
VDD
tTRANSITION
VS
OUTPUT
RL
CL
SE L
D
GND
VSEL
0 V
tr < 5ns
tf < 5ns
VDD
VDD
0.1…F
S2
S1
VDD
VDD
S1
GND
VS
S2
D
VD
ID (ON)
VDD
VDD
S1
GND
VS
S2
D
Vs
A
IS (ON)
N.C.
N.C.
A
14
TMUX1237
SCDS424A – DECEMBER 2019 – REVISED MARCH 2020
www.ti.com
Product Folder Links: TMUX1237
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
7.3 On-Leakage Current
Source on-leakage current is defined as the leakage current flowing into or out of the source pin when the switch
is on. This current is denoted by the symbol IS(ON).
Drain on-leakage current is defined as the leakage current flowing into or out of the drain pin when the switch is
on. This current is denoted by the symbol ID(ON).
Either the source pin or drain pin is left floating during the measurement. Figure 9 shows the circuit used for
measuring the on-leakage current, denoted by IS(ON) or ID(ON).
Figure 9. On-Leakage Measurement Setup
7.4 Transition Time
Transition time is defined as the time taken by the output of the device to rise or fall 10% after the logic control
signal has risen or fallen past the logic threshold. The 10% transition measurement is utilized to provide the
timing of the device. System level timing can then account for the time constant added from the load resistance
and load capacitance. Figure 10 shows the setup used to measure transition time, denoted by the symbol
tTRANSITION.
Figure 10. Transition-Time Measurement Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com