Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1237DCKR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1237DCKR
Description  TMUX1237 3-廓 Low RON, 5-V, 2:1 (SPDT) General Purpose Switch With No Overshoot When Switching Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1237DCKR Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMUX1237DCKR Datasheet HTML 20Page - Texas Instruments TMUX1237DCKR Datasheet HTML 21Page - Texas Instruments TMUX1237DCKR Datasheet HTML 22Page - Texas Instruments TMUX1237DCKR Datasheet HTML 23Page - Texas Instruments TMUX1237DCKR Datasheet HTML 24Page - Texas Instruments TMUX1237DCKR Datasheet HTML 25Page - Texas Instruments TMUX1237DCKR Datasheet HTML 26Page - Texas Instruments TMUX1237DCKR Datasheet HTML 27Page - Texas Instruments TMUX1237DCKR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Via to
GND plane
C
Wide (low inductance)
trace for power
TMUX1237
WORST
BETTER
BEST
1W min.
W
24
TMUX1237
SCDS424A – DECEMBER 2019 – REVISED MARCH 2020
www.ti.com
Product Folder Links: TMUX1237
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
11.1.1 Layout Information
When a PCB trace turns a corner at a 90° angle, a reflection can occur. A reflection primarily occurs because the
width of the trace changes. At the apex of the turn, the trace width increases to 1.414 times its width. This
increase upsets the transmission-line characteristics, especially the distributed capacitance and self–inductance
of the trace which results in the reflection. Not all PCB traces can be straight and therefore some traces must
turn corners. Figure 21 shows progressively better techniques of rounding corners. Only the last example (BEST)
maintains constant trace width and minimizes reflections.
Figure 21. Trace Example
Route high-speed signals using a minimum of vias and corners which reduces signal reflections and
impedance changes. When a via must be used, increase the clearance size around it to minimize its
capacitance. Each via introduces discontinuities in the signal’s transmission line and increases the chance of
picking up interference from the other layers of the board. Be careful when designing test points, through-
hole pins are not recommended at high frequencies.
Figure 22 illustrates an example of a PCB layout with the TMUX1237. Some key considerations are:
•
Decouple the VDD pin with a 0.1-µF capacitor, placed as close to the pin as possible. Make sure that the
capacitor voltage rating is sufficient for the VDD supply.
•
Keep the input lines as short as possible.
•
Use a solid ground plane to help reduce electromagnetic interference (EMI) noise pickup.
•
Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if
possible, and only make perpendicular crossings when necessary.
11.2 Layout Example
Figure 22. TMUX1237 Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com