Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1237DCKR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1237DCKR
Description  TMUX1237 3-廓 Low RON, 5-V, 2:1 (SPDT) General Purpose Switch With No Overshoot When Switching Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1237DCKR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMUX1237DCKR Datasheet HTML 18Page - Texas Instruments TMUX1237DCKR Datasheet HTML 19Page - Texas Instruments TMUX1237DCKR Datasheet HTML 20Page - Texas Instruments TMUX1237DCKR Datasheet HTML 21Page - Texas Instruments TMUX1237DCKR Datasheet HTML 22Page - Texas Instruments TMUX1237DCKR Datasheet HTML 23Page - Texas Instruments TMUX1237DCKR Datasheet HTML 24Page - Texas Instruments TMUX1237DCKR Datasheet HTML 25Page - Texas Instruments TMUX1237DCKR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
TLV9001
Inverting
Input
Output
Unity Gain
R
R
TMUX1237
1.8 V
S1
D
S2
SEL
22
TMUX1237
SCDS424A – DECEMBER 2019 – REVISED MARCH 2020
www.ti.com
Product Folder Links: TMUX1237
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
9.2.2 Switchable Operational Amplifier Gain Setting
Another example application of the TMUX1237 is to change an Op Amp from unity gain setting to an inverting
amplifier configuration. Utilizing a switch allows a system to have a configurable gain and allows the same
architecture to be utilized across the board for various inputs to the system. shows the TMUX1237 configured for
gain setting application.
Figure 19. Switchable Op Amp Gain Setting
9.2.2.1 Design Requirements
This design example uses the parameters listed in Table 3.
Table 3. Design Parameters
PARAMETERS
VALUES
Input Signal
0 V to 2.75 V
Mux Supply (VDD)
2.75 V
Op Amp Supply (V+/ V-)
±2.75 V
Mux I/O signal range
0 V to VDD (Rail to Rail)
Control logic thresholds
1.8 V compatible (up to 5.5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com