Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP100 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP100
Description  Offline Inductor-less Regulator For Low Power Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP100 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP100 Datasheet HTML 1Page - Monolithic Power Systems MP100 Datasheet HTML 2Page - Monolithic Power Systems MP100 Datasheet HTML 3Page - Monolithic Power Systems MP100 Datasheet HTML 4Page - Monolithic Power Systems MP100 Datasheet HTML 5Page - Monolithic Power Systems MP100 Datasheet HTML 6Page - Monolithic Power Systems MP100 Datasheet HTML 7Page - Monolithic Power Systems MP100 Datasheet HTML 8Page - Monolithic Power Systems MP100 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MP100 – OFFLINE INDUCTOR-LESS REGULATOR
MP100 Rev. 1.04
www.MonolithicPower.com
2
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number *
Package
Top Marking
MP100GN
SOIC8E
MP100
* For Tape & Reel, add suffix –Z (e.g. MP100GN–Z);
PACKAGE REFERENCE
PG
GND
FB
VOUT
VIN
NC
VB
VD
1
2
3
4
8
7
6
5
TOP VIEW
EXPOSED PAD
ON BACKSIDE
ABSOLUTE MAXIMUM RATINGS (1)
VIN ................................................. -1V to 750V
VOUT ............................................ -0.3V to 30V
VB,VD .......................................... -0.3V to 35V
FB .............................................. -0.3V to 6.5V
PG ................................................ -0.3V to 14V
Continuous Power Dissipation (TA = +25°C)
(2)
SOIC8E.....................................................2.5W
Junction Temperature.............................. 150°C
Lead Temperature ................................... 260°C
Storage Temperature............... -55°C to +150°C
Recommended Operating Conditions
(3)
50/60Hz AC RMS Voltage ............. 85V to 305V
VB ,VD .............................................. 8V to 30V
Thermal Resistance
(4)
θJA
θJC
SOIC8E ..................................50 ...... 10 ...°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7 4-layer board.
Operating Junction Temp. (TJ) -40°C to +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com