Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP100 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP100
Description  Offline Inductor-less Regulator For Low Power Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP100 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP100 Datasheet HTML 1Page - Monolithic Power Systems MP100 Datasheet HTML 2Page - Monolithic Power Systems MP100 Datasheet HTML 3Page - Monolithic Power Systems MP100 Datasheet HTML 4Page - Monolithic Power Systems MP100 Datasheet HTML 5Page - Monolithic Power Systems MP100 Datasheet HTML 6Page - Monolithic Power Systems MP100 Datasheet HTML 7Page - Monolithic Power Systems MP100 Datasheet HTML 8Page - Monolithic Power Systems MP100 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP100 – OFFLINE INDUCTOR-LESS REGULATOR
MP100 Rev. 1.04
www.MonolithicPower.com
4
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN=230VAC, VOUT=12V, IOUT=10mA, CVD=220μF/35V, TA=+25°C, unless otherwise noted.
Input Supply Quiescent
Current vs. Temperature
Input Voltage Threshold
Fast vs. Temperature
Ground Pin Current vs.
Load Current
Output Voltage vs.
Temperature
Input Voltage Threshold
Slow vs. Temperature
Region of Stable Cout ESR
vs. Load Current
Hz
LOAD CURRENT (mA)
Reference Voltage vs.
Temperature
1.235
1.235
1.235
1.235
1.235
1.235
1.235
1.236
1.236
1.236
-50 -25
0 25 50 75 100 125 150
-50 -25
0 25 50 75 100 125 150
30
31
32
33
34
35
36
-50 -25
0 25 50 75 100 125 150
28.0
28.5
29.0
29.5
30.0
-50 -25
0 25 50 75 100 125 150
0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
203040
11.4
11.6
11.8
12.0
12.2
12.4
12.6
-50 -25
0 25 50 75 100 125 150
1
10
100
010
20
30
40
Output Voltage vs.
Output Load
LOAD CURRENT (mA)
-110
-50
-100
-90
-80
-70
-60
10
60k
20 50100200 5001k 2k 5k 10k 20k
0
2
4
6
8
10
12
14
11.4
11.6
11.8
12
12.2
12.4
12.6
0
5 10
15
20
25
30
35
Stable Range
Unstable Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com