Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP100 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP100
Description  Offline Inductor-less Regulator For Low Power Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP100 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP100 Datasheet HTML 5Page - Monolithic Power Systems MP100 Datasheet HTML 6Page - Monolithic Power Systems MP100 Datasheet HTML 7Page - Monolithic Power Systems MP100 Datasheet HTML 8Page - Monolithic Power Systems MP100 Datasheet HTML 9Page - Monolithic Power Systems MP100 Datasheet HTML 10Page - Monolithic Power Systems MP100 Datasheet HTML 11Page - Monolithic Power Systems MP100 Datasheet HTML 12Page - Monolithic Power Systems MP100 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MP100 – OFFLINE INDUCTOR-LESS REGULATOR
MP100 Rev. 1.04
www.MonolithicPower.com
9
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The output voltage is set to 12V by internal large
feedback resistors. Adjust VOUT by choosing
appropriate external feedback resistors. The
recommended output voltage is between 1.5V
and 15V. If PG is used, then the maximum output
voltage must be limited to 14V due to the
maximum rating of PG. Defining the upper and
lower feedback resistors as RUP and RLW
respectively (refer to the picture in Typical
Application section):
=×
−
UP
LW
VOUT
RR
(
1)
1.235
For the external resistors to dominate over the
internal resistors, select relatively small values of
RUP and RLW compared to the internal resistors.
However, to minimize the load consumption,
avoid very small external resistors. For most
applications, choose RLW=10.2kΩ. To accurately
set the output voltage, select an RUP that can
counter the internal upper-feedback resistor
value of 1MΩ. The table below lists typical
resistor values for different output voltages:
Table 1: Resistors Selecting vs. Output Voltage
Setting
VOUT(V)
RUP(kΩ)
RLW(kΩ)
1.5
2.21(1%) 10.2(1%)
3.3
16.9(1%) 10.2(1%)
5
30.9(1%) 10.2(1%)
15
121(1%)
10.2(1%)
Selection of VD Capacitor
The bypass capacitor on the VD pin needs to be
sufficiently large to provide a stable current.
Calculate the capacitance (in μF) based on the
following equation:
×τ
= load
s
VD
ripple
I
C
V
Where, Iload is the output current (mA);
s
τ is
based on the type of input rectifier—for example,
s
τ is 20ms for a half-wave rectifier, and 10ms for
a full-bridge rectifier, Vripple is the voltage ripple on
the VD capacitor—normally the ripple is limited to
2V to 3V. For best results, use a small ceramic
capacitor and a large aluminum capacitor in
parallel.
Output Power Capability
The maximum input power to the VD capacitor is
limited by the fixed charging window. Considering
the LDO power loss, the MP100 has a limited
maximum output power.
The following factors influence the MP100’s
maximum output power: the input rectifier (full
bridge or half-wave); the VD capacitor connected
between VD and GND; the output voltage; and
the MP100’s temperature-rise requirement, which
is
relative
to
the
different
application
environments.
VAC
VIN
VAC
GND
VIN
GND
Full Bridge Rectifier
Half-wave Rectifier
Figure 2 depicts the relationship between the
maximum output power and the VIN voltage
when the output voltage is 12V, 5V and 3.3V,
respectively. The plots account for both full
bridge and half-wave rectifiers, The temperature
rise of MP100 is less than 60°C on the test board
in 25°C room temperature test.
VIN (V)
0
50
100
150
200
250
300
350
400
450
500
550
80 110 140 170 200 230 260 290 320
Half-Wave Rectifier, VOUT=3.3V
Full Bridge Rectifier, VOUT=12V
Half-Wave Rectifier, VOUT=12V
Full Bridge Rectifier, VOUT=3.3V
Half-Wave Rectifier, VOUT=5V
Full Bridge Rectifier, VOUT=5V
Figure 2: Output Power vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com