Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCRR0508WD Datasheet(PDF) 4 Page - Cyntec Co., Ltd.

Part # SCRR0508WD
Description  SCRR0508WD Series Current Sensing Resistor (Lead / Halogen Free)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

SCRR0508WD Datasheet(HTML) 4 Page - Cyntec Co., Ltd.

  SCRR0508WD Datasheet HTML 1Page - Cyntec Co., Ltd. SCRR0508WD Datasheet HTML 2Page - Cyntec Co., Ltd. SCRR0508WD Datasheet HTML 3Page - Cyntec Co., Ltd. SCRR0508WD Datasheet HTML 4Page - Cyntec Co., Ltd. SCRR0508WD Datasheet HTML 5Page - Cyntec Co., Ltd. SCRR0508WD Datasheet HTML 6Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DOCUMENT : CYNP-78-A06
REVISION
: A3
4
Current Sensing Resistor
Packaging :
Tape packaging dimensions
Remark: Leader tape length≧30 cm( 150 Hollow carrier cavity)
4.0±0.1
0.84 ± 0.1
D=3.5±0.05
C=1.75±0.1
Chip
0.75±0.1
B
A
4.0±0.1
8.0±0.3
D
C
Carrier cavity
Pulling direction
Unit : mm
Sprocket hole
2.0±0.05
A=1.65±0.2
B=2.4±0.2
1.5±0.1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com