Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCRR0508WD Datasheet(PDF) 1 Page - Cyntec Co., Ltd.

Part # SCRR0508WD
Description  SCRR0508WD Series Current Sensing Resistor (Lead / Halogen Free)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

SCRR0508WD Datasheet(HTML) 1 Page - Cyntec Co., Ltd.

  SCRR0508WD Datasheet HTML 1Page - Cyntec Co., Ltd. SCRR0508WD Datasheet HTML 2Page - Cyntec Co., Ltd. SCRR0508WD Datasheet HTML 3Page - Cyntec Co., Ltd. SCRR0508WD Datasheet HTML 4Page - Cyntec Co., Ltd. SCRR0508WD Datasheet HTML 5Page - Cyntec Co., Ltd. SCRR0508WD Datasheet HTML 6Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DOCUMENT : CYNP-78-A06
REVISION
: A3
1
Current Sensing Resistor
tor
SCRR0508WD Series Current Sensing Resistor (Lead / Halogen Free)
Features / Applications :
High power rating is up to 1/2W
Low TCR (±200 ppm/℃)
Current sensing resistor for power supplies, motor circuits, etc.
Suitable for reflow soldering
Excellent heat dissipation by wide terminal type
Electrical Specifications :
Characteristics
Feature
Power Rating*
1/2 W
Resistance Range
0.02~0.51
Temperature Coefficient of
Resistance(ppm/℃)
±200
Resistance Tolerance
±1%(F), ±2%(G), ±5%(J)
Operation Temperature Range
-55℃ ~ +155℃
*Note :
For sensor operated at ambient temperature in excess of 70℃, the maximum load shall be derated in
accordance with the following curve.


Similar Part No. - SCRR0508WD

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
SCRR0612W1 CYNTEC-SCRR0612W1 Datasheet
1Mb / 7P
SCRR0612W1 Series Current Sensing Resistor (Lead / Halogen Free)
SCRR0612W2 CYNTEC-SCRR0612W2 Datasheet
894Kb / 5P
SCRR0612W2 Series Current Sensing Resistor (Lead / Halogen Free)
SCRR0805SD CYNTEC-SCRR0805SD Datasheet
892Kb / 5P
SCRR0805SD Series Current Sensing Resistor (Lead / Halogen Free)
More results

Similar Description - SCRR0508WD

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
SCRR0612W1 CYNTEC-SCRR0612W1 Datasheet
1Mb / 7P
SCRR0612W1 Series Current Sensing Resistor (Lead / Halogen Free)
SCRR0612W2 CYNTEC-SCRR0612W2 Datasheet
894Kb / 5P
SCRR0612W2 Series Current Sensing Resistor (Lead / Halogen Free)
SCRR0805SD CYNTEC-SCRR0805SD Datasheet
892Kb / 5P
SCRR0805SD Series Current Sensing Resistor (Lead / Halogen Free)
SCRR1206SD CYNTEC-SCRR1206SD Datasheet
1Mb / 8P
SCRR1206SD Series Current Sensing Resistor (Lead / Halogen Free)
VSRP0612W2 CYNTEC-VSRP0612W2 Datasheet
898Kb / 5P
VSRP0612W2 Series Current Sensing Resistor (Lead / Halogen Free)
VSRP0805SD CYNTEC-VSRP0805SD Datasheet
1Mb / 7P
VSRP0805SD Series Current Sensing Resistor (Lead / Halogen Free)
VSRP1206S1 CYNTEC-VSRP1206S1 Datasheet
1Mb / 7P
VSRP1206S1 Series Current Sensing Resistor (Lead / Halogen Free)
VSRP1206SD CYNTEC-VSRP1206SD Datasheet
1Mb / 7P
VSRP1206SD Series Current Sensing Resistor (Lead / Halogen Free)
VSRP2512S1 CYNTEC-VSRP2512S1 Datasheet
1,008Kb / 7P
VSRP2512S1 Series Current Sensing Resistor (Lead / Halogen Free)
VSRP2512S2 CYNTEC-VSRP2512S2 Datasheet
1,009Kb / 7P
VSRP2512S2 Series Current Sensing Resistor (Lead / Halogen Free)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com