Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCRR0508WD Datasheet(PDF) 3 Page - Cyntec Co., Ltd.

Part # SCRR0508WD
Description  SCRR0508WD Series Current Sensing Resistor (Lead / Halogen Free)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

SCRR0508WD Datasheet(HTML) 3 Page - Cyntec Co., Ltd.

  SCRR0508WD Datasheet HTML 1Page - Cyntec Co., Ltd. SCRR0508WD Datasheet HTML 2Page - Cyntec Co., Ltd. SCRR0508WD Datasheet HTML 3Page - Cyntec Co., Ltd. SCRR0508WD Datasheet HTML 4Page - Cyntec Co., Ltd. SCRR0508WD Datasheet HTML 5Page - Cyntec Co., Ltd. SCRR0508WD Datasheet HTML 6Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DOCUMENT : CYNP-78-A06
REVISION
: A3
3
Current Sensing Resistor
Recommend Land Pattern Dimensions :
1. Suitable 0.020~ 0.050
Size
W
(mm)
W1
(mm)
W2
(mm)
L
(mm)
D
(mm)
t
(mm)
1220W
5.45
2.5
0.95
2.7
1.05
1.05
t: Copper foil minimum thickness of PCB
2. Suitable 0.051~ 0.510
Size
W
(mm)
L
(mm)
D
(mm)
t
(mm)
1220W
2.0
2.2
0.8
1.05
t: Copper foil minimum thickness of PCB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com